Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 92Page - Texas Instruments PCM9211 Datasheet HTML 93Page - Texas Instruments PCM9211 Datasheet HTML 94Page - Texas Instruments PCM9211 Datasheet HTML 95Page - Texas Instruments PCM9211 Datasheet HTML 96Page - Texas Instruments PCM9211 Datasheet HTML 97Page - Texas Instruments PCM9211 Datasheet HTML 98Page - Texas Instruments PCM9211 Datasheet HTML 99Page - Texas Instruments PCM9211 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Register 6Ah, Main Output and AUXOUT Port Control
(Address: 6Ah, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
AOMUTAS
MOMUTAS
RSV
RSV
AOLRMTEN
AODMUT
MOLRMTEN
MODMUT
Default Value
0
0
0
0
0
0
0
0
Memo
AOMUTAS: AUX Output Port, Mute Synchronization Select (MPIO_B2 and MPIO_B3)
0: AODMUT works with synchronization with LRCK edge. (default)
1: AODMUT works without synchronization with LRCK edge
MOMUTAS: Main Output Port, Mute Synchronization Select (LRCK and DOUT)
0: MODMUT works with synchronization with LRCK edge. (default)
1: MODMUT works without synchronization with LRCK edge
AOLRMTEN: AODMUT Signal Select (MPIO_B2)
0: Only DOUT (default)
1: Both of LRCK and DOUT
AODMUT: AUX Output Port, Data Mute Control
0: Output (default)
1: Mute (the affected signals are selected by Register 6Ah, AOLRMTEN)
MOLRMTEN : MODMUT signal select
0: Only DOUT (default)
1: Both LRCK and DOUT
MODMUT: Main Output Port, DOUT Mute Control
0: Output (default)
1: Mute (the affected signals are selected by Register 6Ah, MOLRMTEN)
Data mutes are done in synchronization with a LRCK edge.
96
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com