Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 26Page - Texas Instruments PCM9211 Datasheet HTML 27Page - Texas Instruments PCM9211 Datasheet HTML 28Page - Texas Instruments PCM9211 Datasheet HTML 29Page - Texas Instruments PCM9211 Datasheet HTML 30Page - Texas Instruments PCM9211 Datasheet HTML 31Page - Texas Instruments PCM9211 Datasheet HTML 32Page - Texas Instruments PCM9211 Datasheet HTML 33Page - Texas Instruments PCM9211 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 121 page
background image
B
0L
0L
W
0R
0R
M
1L
1L
W
1R
1R
t
LATE
17±1BCK
BiphaseSignal(IN)
BFRAME(OUT)
LRCK(OUT)
(I S)
2
LRCK(OUT)
(AllexceptI S)
2
DATA(OUT)
BCKO
(OUT)
LRCKO
(OUT)
DOUT
(OUT)
SCKO
(OUT)
t
SCY
t
BCH
t
BCL
t
BCY
t
BCDO
t
CKLR
V
/2
DD
V
/2
DD
V
/2
DD
V
/2
DD
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Figure 22 shows the latency time between the input biphase signal and LRCKO/DOUT. Figure 23 illustrates the
DIR decoded audio data output timing.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tLATE
LRCKO/DOUT latency
4/fS
s
Figure 22. Latency Time Between Input Biphase and LRCKO/DOUT
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSCY
System clock pulse cycle time
18
ns
tCKLR
Delay time of BCKO falling edge to LRCKO valid
–10
10
ns
tBCY
BCKO pulse cycle time
1/64fS
s
tBCH
BCKO pulse width high
60
ns
tBCL
BCKO pulse width low
60
ns
tBCDO
Delay time of BCKO falling edge to DOUT valid
–10
10
ns
tR
Rising time of all signals
5
ns
tF
Falling time of all signals
5
ns
NOTE: Load capacitance of LRCKO, BCKO, and DOUT pin is 20 pF. DOUT, LRCKO, and BCKO are synchronized with
SCKO.
Figure 23. DIR Decoded Audio Data Output Timing
30
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com