Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 69Page - Texas Instruments PCM9211 Datasheet HTML 70Page - Texas Instruments PCM9211 Datasheet HTML 71Page - Texas Instruments PCM9211 Datasheet HTML 72Page - Texas Instruments PCM9211 Datasheet HTML 73Page - Texas Instruments PCM9211 Datasheet HTML 74Page - Texas Instruments PCM9211 Datasheet HTML 75Page - Texas Instruments PCM9211 Datasheet HTML 76Page - Texas Instruments PCM9211 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 2Bh, INT1 Output Cause Mask Setting
(Address: 2Bh, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
MERROR1
MNPCM1
MEMPHF1
MDTSCD1
MCSRNW1
MPCRNW1
MFSCHG1
MADLVL1
Default Value
1
1
1
1
1
1
1
1
Memo
MERROR1: ERROR Port Output Status
0: Not masked
1: Masked (default)
MNPCM1: NPCM Port Output Status
0: Not masked
1: Masked (default)
This register setting follows the register setting of non-PCM data identification.
MEMPHF1: Emphasis Flag in Channel Status
0: Not masked
1: Masked (default)
MDTSCD1: DTS-CD/LD Sync Detection
0: Not masked
1: Masked (default)
This detection condition depends on the register setting for DTS-CD/LD detection conditions.
MCSRNW1: Channel Status Data of Beginning 48-bit Renewal
0: Not masked
1: Masked (default)
MPCRNW1: Burst Preamble PC Renewal
0: Not masked
1: Masked (default)
MFSCHG1: Renewal Flag of fS Calculator Result
0: Not masked
1: Masked (default)
MADLVL1: ADC Input Level Detection Status
0: Not masked
1: Masked (default)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com