Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 65 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 61Page - Texas Instruments PCM9211 Datasheet HTML 62Page - Texas Instruments PCM9211 Datasheet HTML 63Page - Texas Instruments PCM9211 Datasheet HTML 64Page - Texas Instruments PCM9211 Datasheet HTML 65Page - Texas Instruments PCM9211 Datasheet HTML 66Page - Texas Instruments PCM9211 Datasheet HTML 67Page - Texas Instruments PCM9211 Datasheet HTML 68Page - Texas Instruments PCM9211 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 23h, DIR Initial Settings 3/3
(Address: 23h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
XTIWT1
XTIWT0
PRTPRO1
PRTPRO0
ERRWT1
ERRWT0
Default Value
0
0
0
0
0
1
0
0
Memo
XTIWT[1:0]: Crystal OSC, Oscillation Start-up Wait Time Setting
00: 25 ms
01: 50 ms
10: 100 ms
11: 200 ms
XTIWT is counted by the PLL generated clock.
These are the resulting values when the PLL is running with a free-run clock because of no S/PDIF input.
After these delay times, the Main Port source changes from DIR to ADC when DIR is unlocked.
PRTPRO[1:0]: Process for Parity Error Detection
00: No process
01: For PCM data only, an 8x continuous parity error is replaced by previous data and muted after ninth
parity error at EPARITY = 1 (default)
10: For PCM and non-PCM data, an 8x continuous parity error is replaced by previous data and muted
after ninth parity error at EPARITY = 1
11: Reserved (The definition of Non-PCM depends on the Non-PCM Definition Setting Register)
Validity flag, user bit, channel status, Non-PCM and DTS-CD detection should be refreshed by waiting
more than 192/fS without any parity error.
ERRWT[1:0]: ERROR Release Wait Time Setting
00: ERROR Release after 48 counts of preamble B (Default), 192 ms at fS = 48 kHz
01: ERROR Release after 12 counts of preamble B
10: ERROR Release after six counts of preamble B
11: ERROR Release after three counts of preamble B
These counts are only available when DIR is unlocked or DIR sampling frequency is changed or exceeds
limits defined by DIR Acceptable fS Range Setting and Mask registers.
CLKST also uses ERRWT to release.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com