Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 20Page - Texas Instruments PCM9211 Datasheet HTML 21Page - Texas Instruments PCM9211 Datasheet HTML 22Page - Texas Instruments PCM9211 Datasheet HTML 23Page - Texas Instruments PCM9211 Datasheet HTML 24Page - Texas Instruments PCM9211 Datasheet HTML 25Page - Texas Instruments PCM9211 Datasheet HTML 26Page - Texas Instruments PCM9211 Datasheet HTML 27Page - Texas Instruments PCM9211 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
ADC
DOUT
t ADCDLY
3
32/f S
Undefineddata
Normal
ZERO
Normal
synchronous
Asynchronous
synchronous
STATEof
SYNCHRONIZATION
within 2 /fS
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Figure 17. ADC Output for Lost Synchronization
Setting the ADC Sampling Frequency with XTI as Clock Source
Register 31h holds the bytes that control the dividers used to bring the high-speed, 24.567-MHz clock down to
SCK, BCK, and LRCK as used by the ADC.
NOTE
While the registers allow operation beyond 96 kHz, the ADC itself does not.
Analog Inputs to the ADC
The ADC module of the PCM9211 has two independent input channels: VINL and VINR. These are single-ended,
unbalanced inputs, each capable of 0.6 VCC VPP input with 10-kΩ input resistance (typ). The ADC also integrates
a buffering operational amplifier and a low-pass filter.
VCOM Output
One unbuffered common voltage output pin, VCOM (pin 44) is brought out for decoupling purposes. This pin is
internally biased to a dc voltage level of 0.5 VCCAD (nominal), and is used as internal reference voltage for the
ADC. This pin may be used to bias external circuitry (such as an ADC driver op amp), but the load impedance
must be high enough because the output impedance of this pin is typically 12.5 k
Ω.
Oversampling Rate
The oversampling rate of the PCM9211 ADC is fixed at 64fS.
External ADC Mode
To use an external ADC instead of the integrated ADC, the PCM9211 supports External ADC Mode. This option
enables a connection with an external, 192-kHz capable ADC via the MPIO_B ports. The external ADC must be
a clock slave to the PCM9211. The clock source for the external ADC can be selected using Register
42h/ADCLK (the same register that controls the clock source for the internal ADC).
To lower power consumption in the PCM9211, the onboard ADC can be set to power-down state using Register
40h/ADDIS.
To use the external ADC mode, Register 6Fh/MPBSEL must be set to '101' (External Slave ADC Input). Then,
each MPIO_B port is assigned for MPIO_B0 = EASCKO (output), MPIO_B1 = EABCKO (output), MPIO_B2 =
EALRCKO (output), and MPIO_B3 = EADIN (input). The MPIO_B pins should be connected according to this
configuration:
•
MPIO_B0 to ADC system clock input
•
MPIO_B1 to ADC bit clock input
•
MPIO_B2 to ADC LR clock input
•
MPIO_B3 to ADC data output
24
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com