Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 86 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 82Page - Texas Instruments PCM9211 Datasheet HTML 83Page - Texas Instruments PCM9211 Datasheet HTML 84Page - Texas Instruments PCM9211 Datasheet HTML 85Page - Texas Instruments PCM9211 Datasheet HTML 86Page - Texas Instruments PCM9211 Datasheet HTML 87Page - Texas Instruments PCM9211 Datasheet HTML 88Page - Texas Instruments PCM9211 Datasheet HTML 89Page - Texas Instruments PCM9211 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Register 3Ah–3Bh, PC Buffer (Burst Preamble PC Output Register)
Address: 3Ah, Read-Only
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Memo
Address: 3Bh, Read-Only
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
PC15
PC14
PC13
PC12
PC11
PC10
PC9
PC8
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Memo
PC[4:0]: Burst Preamble PC, data type
PC[6:5]: Burst Preamble PC, reserved
PC7: Burst Preamble PC, Error
PC[12:8]: Burst Preamble PC, data type dependent information
PC[15:13]: Burst Preamble PC, bit stream no.
Read PC/PD after ONPCM1/0 goes high by setting MNPCM1 = 1 or MNPCM0 = 1. Polling PC/PD [15:0] is not
allowed.
SPACER
86
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com