Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 85 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 81Page - Texas Instruments PCM9211 Datasheet HTML 82Page - Texas Instruments PCM9211 Datasheet HTML 83Page - Texas Instruments PCM9211 Datasheet HTML 84Page - Texas Instruments PCM9211 Datasheet HTML 85Page - Texas Instruments PCM9211 Datasheet HTML 86Page - Texas Instruments PCM9211 Datasheet HTML 87Page - Texas Instruments PCM9211 Datasheet HTML 88Page - Texas Instruments PCM9211 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 39h, Incoming Biphase Information and Sampling Frequency
(Address: 39h, Read-Only)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
SFSST
SCSBIT1
RSV
RSV
SESOUT3
SESOUT2
SESOUT1
SESOUT0
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Memo
SFSST: Incoming Biphase Signal, Sampling Frequency Calculate Status
0: SFSOUT[3:0] Output is calculated
1: In the process of calculating or unlocked
SCSBIT1: Detected Channel Status Bit1 Flag
0: CS Bit1 = 0 (Audio data)
1: CS Bit1 = 1 (Non-audio data)
SFSOUT[3:0]: Incoming Biphase Signal, Actual Sampling Frequency
0000: Out of range
0001: 8 kHz
0010: 11.025 kHz
0011: 12 kHz
0100: 16 kHz
0101: 22.05 kHz
0110: 24 kHz
0111: 32 kHz
1000: 44.1 kHz
1001: 48 kHz
1010: 64 kHz
1011: 88.2 kHz
1100: 96 kHz
1101: 128 kHz
1110: 176.4 kHz
1111: 192 kHz
NOTE
When SFSST becomes '1' (that is, in the process of calculating or unlocked), SFSOUT
holds the previous data. SFSST and SFSOUT always output the status when these
registers are read. The other registers do not have clear functions when these are read.
To enable these registers, DIR must be powered on (Register 40h/RXDIS = 0).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com