| Electronic Components Datasheet Search |
|
PCM9211 Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM9211 Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 121 page ![]() PCM9211 SBAS495 – JUNE 2010 www.ti.com MPIO Description Description for Signal Name Assigned to MPIO Table 17 through Table 25 list the details of where each of the internal PCM9211 signals can be routed to. For instance, DIR LOCK can be output to any of the MPIO and MPO pins, while SBCK (Secondary Clock Output) can only be brought out through MPIO_A0. Table 17. DIR Flags Output SIGNAL NAME MPIO GROUP / PIN DESCRIPTION CLKST All MPIOs, MPO0/1 Clock transient status signal output INT0 All MPIOs, MPO0/1 Interrupt system 0, Interrupt event detection output INT1 All MPIOs, MPO0/1 Interrupt system 1, Interrupt event detection output EMPH All MPIOs, MPO0/1 Channel status, emphasis detection output BPSYNC All MPIOs, MPO0/1 Burst preamble sync signal output DTSCD All MPIOs, MPO0/1 DTS-CD/LD detection output PARITY All MPIOs, MPO0/1 Biphase parity error detection output LOCK All MPIOs, MPO0/1 PLL lock detection output Table 18. DIR B Frame, Channel Status, User Data, Validity Flag Output SIGNAL NAME MPIO GROUP / PIN DESCRIPTION BFRAME All MPIOs, MPO0/1 B frame output COUT All MPIOs Channel status data UOUT All MPIOs User data VOUT All MPIOs Validity flag Table 19. DIR Calculated Sampling Frequency Output SIGNAL NAME MPIO GROUP / PIN DESCRIPTION SFSOUT0 All MPIOs Calculated fS, decoded output, bit0 SFSOUT1 All MPIOs Calculated fS, decoded output, bit1 SFSOUT2 All MPIOs Calculated fS, decoded output, bit2 SFSOUT3 All MPIOs Calculated fS, decoded output, bit3 Table 20. Biphase Input SIGNAL NAME MPIO GROUP / PIN DESCRIPTION RXIN8 MPIO_A0 Biphase signal input 8 RXIN9 MPIO_A1 Biphase signal input 9 RXIN10 MPIO_A2 Biphase signal input 10 RXIN11 MPIO_A3 Biphase signal input 11 Table 21. Biphase Output SIGNAL NAME MPIO GROUP / PIN DESCRIPTION RECOUT0 MPO0/1 Independent biphase selector 0, output0 RECOUT1 MPO0/1 Independent biphase selector 1, output1 TXOUT MPO0/1 Built-in DIT, biphase output Table 22. AUX Clocks Output SIGNAL NAME MPIO GROUP / PIN DESCRIPTION SBCK MPIO_A0 Secondary bit clock output SLRCK MPIO_A1 Secondary LR clock output XMCKO MPIO_A2, MPO0/1 XTI pin input clock buffered output 46 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): PCM9211 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |