Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 3 Page - Texas Instruments

  PCM9211 Datasheet HTML 1Page - Texas Instruments PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
RECOMMENDED OPERATING CONDITIONS (continued)
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
Analog input level
VINL, VINR
3
VPP
Digital output load capacitance
Except SCKO
20
pF
Digital output load capacitance
SCKO
10
pF
MODE pin capacitance
10
pF
Operating free-air temperature
–40
+25
+85
°C
ELECTRICAL CHARACTERISTICS: GENERAL
All specifications at TA = +25°C, VCC = VDD = VDDRX = 3.3 V, and VCCAD = 5 V, unless otherwise noted.
PCM9211
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
DATA FORMAT
Audio data interface format
I2S, Left-Justified, Right-Justified
Audio data word length
16, 24
Bits
Audio data format
MSB first, twos complement
Sampling frequency, DIR
7
216
kHz
Sampling frequency, DIT
7
216
kHz
fS
Sampling frequency, Routing
7
216
kHz
Sampling frequency, ADC
16
96
kHz
INPUT LOGIC
VIH
(2) (3)
2.0
5.5
VDC
Input logic level
VIL
(2) (3)
0.8
VDC
VIH
(4)
0.7 VCC
VCC
VDC
Input logic level (XTI pin)
VIL
(4)
0.3 VCC
VDC
VIH
(5)
0.7 VDDRX
VDDRX
VDC
Input logic level (RXIN0/1 pins)
VIL
(5)
0.3 VDDRX
VDC
IIH
(2) (4)
VIN = VDD or VCC
±10
mA
Input logic current
IIL
(2) (4)
VIN = 0 V
±10
mA
IIH
(3)
VIN = VDD
65
100
mA
Input logic current (RST pin)
IIL
(3)
VIN = 0 V
±10
mA
IIH
(5)
VIN = VDDRX
165
300
mA
Input logic current (RXIN0/1
pins)
IIL
(5)
VIN = 0 V
–165
–300
mA
OUTPUT LOGIC
VOH
(6)
IOUT = –4 mA
2.8
VDC
Output logic level
VOL
(6)
IOUT = 4 mA
0.5
VDC
VOH
(7)
IOUT = –4 mA
0.85 VCC
VDC
Output logic level
VOL
(7)
IOUT = 4 mA
0.15 VCC
VDC
(1)
PLL lock-up time varies with ERROR release wait time setting (Register 23h/ERRWT). Therefore, lock-up time in this table shows the
value at ERRWT = 11 as the shortest time setting.
(2)
Pins: MPIO_A0-A3, MPIO_B0-B3, MPIOC0-C3, RXIN2-RXIN7, MC/SCL, MDI/SDA, MDO/ADR0, MS/ADR1
(3)
Pin: RST
(4)
Pin: XTI
(5)
Pins: RXIN0, RXIN1. Input impedance of RXIN0 and RXIN1 is 20 k
Ω (typical). COAX amplifiers are powered on by Register
34h/RX0DIS and RX1DIS = 0. At power down by Register 34h/RX0DIS and RX1DIS= 1 (default), RXIN0 and RXIN1 are internally tied
high.
(6)
Pins: MPIO_A0-A3, MPIO_B0-B3, MPIO_C0-C3, SCKO, BCK, LRCK, DOUT, MPO0-1, ERROR/INT0, NPCM/INT1.
(7)
Pin: XTO.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com