Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 65Page - Texas Instruments PCM9211 Datasheet HTML 66Page - Texas Instruments PCM9211 Datasheet HTML 67Page - Texas Instruments PCM9211 Datasheet HTML 68Page - Texas Instruments PCM9211 Datasheet HTML 69Page - Texas Instruments PCM9211 Datasheet HTML 70Page - Texas Instruments PCM9211 Datasheet HTML 71Page - Texas Instruments PCM9211 Datasheet HTML 72Page - Texas Instruments PCM9211 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 27h, DIR Acceptable fS Range Setting and Mask
(Address: 27h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
MSK128
MSK64
RSV
NOMLMT
HILMT1
HILMT0
LOLMT1
LOLMT0
Default Value
0
0
0
0
0
0
0
0
Memo
MSK128: Mask for fS = 128 kHz
0: No mask (default)
1: Mask
PCM9211 does not receive 128-kHz sampling frequency.
This register setting is effective with NOMLMT = '1'.
MSK64: Mask for fS = 64 kHz
0: No mask (default)
1: Mask
PCM9211 does not receive 64-kHz sampling frequency.
This register setting is effective with NOMLMT = '1'.
NOMLMT: Receive Nominal Audio fS within ±2%
0: No limit (default)
1: Limit
PCM9211 receives the nominal audio sampling frequencies within ±2%.
The nominal audio sampling frequencies are: 8 kHz, 11.025 kHz, 12 kHz, 16 kHz, 22.05 kHz, 24 kHz,
32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz, 176.4 kHz, 192 kHz
HILMT[1:0]: Acceptable fS Higher Limit Setting
00: No limit (default)
01: fS = 54 kHz
10: fS = 108 kHz
11: fS = 216 kHz
LOLMT[1:0]: Acceptable fS Lower Limit Setting
00: No limit (default)
01: fS = 7 kHz
10: fS = 14 kHz
11: fS = 28 kHz
This condition of receivable sampling frequency is used as the ERROR and AUTO source selection when
EFSLMT or AFSLMT is set to '1'.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com