Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 1 Page - Texas Instruments

  PCM9211 Datasheet HTML 1Page - Texas Instruments PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
216-kHz Digital Audio Interface Transceiver (DIX)
with Stereo ADC and Routing
Check for Samples: PCM9211
1
FEATURES
•
Other Function Features:
23456
• Integrated DIX, ADC, and Signal Routing:
–
Power Down (Pin and Register Control)
–
Asynchronous Operation (DIR, DIT, ADC)
–
PCM Port Sampling Frequency Counter
–
Mux and Routing of PCM Data:
–
GPIO and GPO
–
I2S™, Left-Justified, Right-Justified
–
OSC for External Crystal (24.576 MHz)
–
Multipurpose Input/Output Pins
–
SPI™, I2C™ or Hardware Control Modes
•
Digital Audio I/F Receiver (DIR):
•
Power Supply:
–
24-bit, 216-kHz Capable
–
3.3 V (2.9 V to 3.6 V) for DIX, All Digital
–
50-ps Ultralow Jitter
–
5 V (4.5 V to 5.5 V) for ADC Analog
–
Non-PCM Detection (IEC61937, DTS-CD/LD)
•
Operating Temperature: –40°C to +85°C
–
12x S/PDIF Input Ports:
•
Package: 48-Pin LQFP
–
2x Coaxial S/PDIF Inputs
APPLICATIONS
–
10x Optical S/PDIF Inputs
•
Home Theater and AVR Equipment
•
Digital Audio I/F Transmitter (DIT):
•
Television and Soundbars
–
24-Bit, 216-kHz Capable
•
Musical Instruments, Recording, and
–
24-Bit Data Length
Broadcast
–
48-Bit Channel Status Buffer
•
High-Performance Soundcards
–
Synchronous/Asynchronous Operation
DESCRIPTION
•
Analog-to-Digital Converter (ADC):
–
24-Bit, 96-kHz Capable
The PCM9211 is a complete analog and digital
front-end
for
today's
multimedia
players
and
–
Dynamic Range: 101 dB (fS = 96 kHz)
recorders.
–
Synchronous/Asynchronous Operation
The PCM9211 integrates a stereo ADC, S/PDIF
•
Routing Function:
transceiver with up to 12 multiplexed inputs and 3x
–
Input: 3x PCM, 1x DIR, 1x ADC
PCM inputs to allow other audio receivers to be
–
Output: Main Out, Aux Out, DIT
multiplexed along with the analog and S/PDIF signals
to a digital signal processor (DSP).
–
Multi-Channel (8-Ch) PCM Routing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
AC-3 is a trademark of Dolby Laboratories.
3
SPI is a trademark of Motorola, Inc.
4
I2S, I2C are trademarks of NXP Semiconductors.
5
TOSLINK is a trademark of Toshiba Corp.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211 TI2-PCM9211 Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
PCM9211 TI2-PCM9211 Datasheet
1,023Kb / 70P
DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
REVISED APRIL 2017
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results

Similar Description - PCM9211

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
logo
ATMEL Corporation
ATSTK600-RC54 ATMEL-ATSTK600-RC54 Datasheet
240Kb / 19P
AVR600: STK600 Expansion, routing and socket boards
ATSTK600-RC17 ATMEL-ATSTK600-RC17 Datasheet
240Kb / 19P
AVR600: STK600 Expansion, routing and socket boards
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
Routing Card
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
Routing card
logo
Maxim Integrated Produc...
MAX4754AEVKIT MAXIM-MAX4754AEVKIT Datasheet
94Kb / 4P
Data and Audio Signal Routing
Rev 0; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com