Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 10Page - Texas Instruments PCM9211 Datasheet HTML 11Page - Texas Instruments PCM9211 Datasheet HTML 12Page - Texas Instruments PCM9211 Datasheet HTML 13Page - Texas Instruments PCM9211 Datasheet HTML 14Page - Texas Instruments PCM9211 Datasheet HTML 15Page - Texas Instruments PCM9211 Datasheet HTML 16Page - Texas Instruments PCM9211 Datasheet HTML 17Page - Texas Instruments PCM9211 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
The PCM9211 has two RECOUT signals that can be routed to the MPO port. The respective sources can be
drawn from one of the 12 S/PDIF inputs, or the DIT module.
Channel status, user data, and valid audio data from the S/PDIF stream can be found in various registers or
routed to MPIO pins. In addition, the block start signal can be routed to an I/O pin, so that any postprocessing
DSP can be informed of the start of a frame for decoding data and so forth.
The DIR module in the PCM9211 complies with these digital audio I/F standards:
•
S/PDIF
•
IEC60958 (formerly IEC958)
•
JEITA CPR-1205 (formerly EIAJ CP-1201/340)
•
AES3
•
EBU Tech 3250 (also known as AES/EBU)
In addition, the DIR Module within the PCM9211 also meets and exceeds jitter tolerance specifications defined
by IEC60958-3 for sampling frequencies between 28 kHz and 216 kHz.
Digital Audio Interface Transmitter (DIT)
The DIT (S/PDIF transmitter) is a relatively simple module. The DIT integrated in the PCM9211 is able to
transmit control status and user bits in the data stream, as well as standard 24-bit audio. Channel status, user
data, and Audio Valid bits in the stream are configured on incoming MPIO pins.
The DIT complies with the following audio standards:
•
S/PDIF
•
IEC60958 (formerly IEC958)
•
JEITA CPR-1205 (formerly EIAJ CP-1201/340)
•
AES3
•
EBU Tech 3250 (also known as AES/EBU)
Analog-to-Digital Converter (ADC)
The integrated ADC within the PCM9211 is capable of supporting 24-bit data from 16 kHz up to 96 kHz. The
signal-to-noise ratio (SNR) of the ADC module at 96 kHz is 101 dB.
The PCM9211 contains integrated front-end buffer amplifiers for the ADC, thereby reducing the need for external
amplifiers. The ADC also has several digital features, including digital volume control (adjustable from –100 dB to
+20 dB in 0.5-dB steps), digital mute, and the ability to phase-invert the digital output.
Additionally, interrupts can be generated based on the ADC inputs being larger than user-defined threshold
levels.
In standalone mode, the ADC can be either a clock master or a clock slave.
14
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com