Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 79Page - Texas Instruments PCM9211 Datasheet HTML 80Page - Texas Instruments PCM9211 Datasheet HTML 81Page - Texas Instruments PCM9211 Datasheet HTML 82Page - Texas Instruments PCM9211 Datasheet HTML 83Page - Texas Instruments PCM9211 Datasheet HTML 84Page - Texas Instruments PCM9211 Datasheet HTML 85Page - Texas Instruments PCM9211 Datasheet HTML 86Page - Texas Instruments PCM9211 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 36h, RECOUT1 Output Biphase Source Settings
(Address: 36h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
RSV
MPO1MUT
RO1SEL3
RO1SEL2
RO1SEL1
RO1SEL0
Default Value
0
0
0
0
0
0
1
0
Memo
RO1SEL0[3:0]: RECOUT1 Output Biphase Source Select
0000: RXIN0
0001: RXIN1
0010: RXIN2 (default)
0011: RXIN3
0100: RXIN4
0101: RXIN5
0110: RXIN6
0111: RXIN7
1000: RXIN8
1001: RXIN9
1010: RXIN10
1011: RXIN11
1100: Reserved
1101: Reserved
1110: Reserved
1111: TXOUT (internal DIT output)
MPO1MUT: MPO1 Mute Control
0: Output (default)
1: MUTE (Logic low level)
Register 37h, Port Sampling Frequency Calculator Measurement Target Setting
(Address: 37h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
RSV
RSV
RSV
PFSTGT2
PFSTGT1
PFSTGT0
Default Value
0
0
0
0
0
0
0
0
Memo
PFSTGT[2:0]: Port fS Calculator, Target Port Setting
000: DIR (default)
001: ADC
010: AUXIN0
011: AUXIN1
100: AUXIN2
101: Main output port
110: AUX output port
111: DIT
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com