Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 99 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 95Page - Texas Instruments PCM9211 Datasheet HTML 96Page - Texas Instruments PCM9211 Datasheet HTML 97Page - Texas Instruments PCM9211 Datasheet HTML 98Page - Texas Instruments PCM9211 Datasheet HTML 99Page - Texas Instruments PCM9211 Datasheet HTML 100Page - Texas Instruments PCM9211 Datasheet HTML 101Page - Texas Instruments PCM9211 Datasheet HTML 102Page - Texas Instruments PCM9211 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 6Dh, MPIO_B and Main Output Port Hi-Z Control
(Address: 6Dh, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
MPB3HZ
MPB2HZ
MPB1HZ
MPB0HZ
SCKOHZ
BCKHZ
LRCKHZ
DOUTHZ
Default Value
0
0
0
0
0
0
0
0
Memo
MPB3HZ: MPIO_B3, Hi-Z Control
0: Defined by Group Function Assign register, 6Fh/MPBSEL. (default)
1: Hi-Z
MPB2HZ: MPIO_B2, Hi-Z Control
0: Defined by Group Function Assign register, 6Fh/MPBSEL. (default)
1: Hi-Z
MPB1HZ: MPIO_B1, Hi-Z Control
0: Defined by Group Function Assign register, 6Fh/MPBSEL. (default)
1: Hi-Z
MPB0HZ: MPIO_B0, Hi-Z Control
0: Defined by Group Function Assign register, 6Fh/MPBSEL. (default)
1: Hi-Z
SCKOHZ: Main Output Port, SCKO Hi-Z Control
0: Output (default)
1: Hi-Z
BCKHZ: Main Output Port, BCKO Hi-Z Control
0: Output (default)
1: Hi-Z
LRCKHZ: Main Output Port, LRCKO Hi-Z Control
0: Output (default)
1: Hi-Z
DOUTHZ: Main Output Port, DOUT Hi-Z Control
0: Output (default)
1: Hi-Z
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
99
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com