Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 67Page - Texas Instruments PCM9211 Datasheet HTML 68Page - Texas Instruments PCM9211 Datasheet HTML 69Page - Texas Instruments PCM9211 Datasheet HTML 70Page - Texas Instruments PCM9211 Datasheet HTML 71Page - Texas Instruments PCM9211 Datasheet HTML 72Page - Texas Instruments PCM9211 Datasheet HTML 73Page - Texas Instruments PCM9211 Datasheet HTML 74Page - Texas Instruments PCM9211 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 29h, DTS-CD/LD Sync Word and Period Detection Setting
(Address: 29h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
RSV
RSV
DTS16
DTS14
DTSPRD1
DTSPRD0
Default Value
0
0
0
0
1
1
0
0
Memo
DTS16: DTS-CD/LD 16-bit Sync Word Detection
0: Unselected
1: Selected (default)
DTS14: DTS-CD/LD 14-bit Sync Word Detection
0: Unselected
1: Selected (default)
DTSPRD[1:0]: DTS-CD/LD Sync Word Detection Period
00: No period, detect one sync word (default)
01: One period
10: Two periods
11: Four periods
NOTE
The DTSCD Register (Register 28h) must be '1' (that is, selected) in order to output the
DTSCD flag from the MPIO, MPO, and INT pins as DIR Flag outputs.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com