Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 13Page - Texas Instruments PCM9211 Datasheet HTML 14Page - Texas Instruments PCM9211 Datasheet HTML 15Page - Texas Instruments PCM9211 Datasheet HTML 16Page - Texas Instruments PCM9211 Datasheet HTML 17Page - Texas Instruments PCM9211 Datasheet HTML 18Page - Texas Instruments PCM9211 Datasheet HTML 19Page - Texas Instruments PCM9211 Datasheet HTML 20Page - Texas Instruments PCM9211 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Table 1 shows the timing requirements to reset the device using the RST pin.
Table 1. Timing Requirements for RST Pin Device Reset
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tRSTL
RST pulse width (RST pin = low)
1
µs
The condition of each output pins during the device reset is shown in Table 2.
Table 2. Output Pin Condition During Reset
CLASSIFICATION
PIN NAME
AT RST = L(1)
SCKO
L
BCK
L
Main Output Port
LRCK
L
DOUT
L
ERROR/INT0
H
Flag and Status
NPCM/INT1
L
MPIO_A0 through MPIO_A3
Hi-Z
MPIO_B0 through MPIO_B3
Hi-Z
MPIOs and MPOs
MPIO_C0 through MPIO_C3
Hi-Z
MPO0, MPO1
L
MDI/SDA
Hi-Z
Serial I/F
MDO/ADR0
Hi-Z
Oscillation Circuit
XTO
Output
Common Supply for ADC
VCOM
Output
Coax Input
RXIN0, RXIN1
H
(1)
L = low, H = high, Hi-Z = high impedance.
PCM Audio Interface Format
Each of the modules in the PCM9211 (DIR, DIT, ADC, Aux I/Os) supports these four interface formats:
•
24-bit I2S format
•
24-bits Left-Justified format
•
24-bit Right-Justified format
•
16-bit Right-Justified format
32-bit interfaces are supported for the paths from AUXIN0/1/2 to MainPort/AUXOUT.
All formats are provided twos complement, MSB first. They are selectable through SPI-/I2C-accessible registers.
The specific control registers are:
•
DIR: RXFMT[2:0]
•
ADC: ADFMT[1:0]
•
DIT: TXFMT[1:0]
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com