Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 5 Page - Texas Instruments

  PCM9211 Datasheet HTML 1Page - Texas Instruments PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
ELECTRICAL CHARACTERISTICS: Analog-to-Digital Converter (ADC)
All specifications at TA = +25°C, VCC = VDD = VDDRX = 3.3 V, and VCCAD = 5 V, unless otherwise noted.
PCM9211
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC, CHARACTERISTICS
Resolution
16
24
Bits
fS
Sampling frequency
16
96
kHz
Bit clock frequency
64fS
1.024
6.144
MHz
256fS
4.096
24.576
MHz
System clock frequency
512fS
8.192
24.576
MHz
ADC, ANALOG INPUT
Full-scale input voltage
VINL, VINR = 0 dB
0.6 VCCAD
VPP
Center voltage
0.5 VCCAD
V
Input Impedance
10
k
Ω
Antialiasing filter response
–3 dB
300
kHz
ADC, DC ACCURACY
Gain mismatch, channel to
Full-scale input, VINL, VINR
2.0
±8.0
% of FSR
channel
Gain error
Full-scale input, VINL, VINR
±2.0
±8.0
% of FSR
Bipolar zero error
HPF bypass, VINL, VINR
±0.5
±2.0
% of FSR
ADC, DYNAMIC PERFORMANCE
fS = 48 kHz
–93
–85
dB
THD+N VIN = –1 dB
fS = 96 kHz
–93
dB
fS = 48 kHz, A-weighted
95
99
dB
Dynamic range
fS = 96 kHz, A-weighted
101
dB
fS = 48 kHz, A-weighted
95
99
dB
S/N ratio
fS = 96 kHz, A-weighted
101
dB
fS = 48 kHz
92
96
dB
Channel separation (between
L-ch and R-ch)
fS = 96 kHz
98
dB
ADC, DIGITAL FILTER PERFORMANCE
Passband
0.454 fS
Hz
Stop band
0.583 fS
Hz
Passband ripple
< 0.454 fS
±0.05
dB
Stop band attenuation
> 0.583 fS
–65
dB
Group delay time
17.4 / fS
sec
0.019 fS/
HPF frequency response
–3 dB
Hz
1000
ADC, COMMON VOLTAGE OUTPUT
VCOM output voltage
0.5 VCCAD
V
VCOM output impedance
7
12.5
18
k
Ω
Allowable VCOM output
±1
mA
source/sink current
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com