Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 28 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 28 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 24Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 25Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 26Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 27Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 28Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 29Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 30Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 31Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 32Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
26
Breakaway Plug
with PT Solder Contacts,
Potted Termination
71-3048XX-(
)
72-3048XX-(
)
PT Breakaway
twist pull plug
All dimensions for reference only.
* See Finish information below to determine prefix 71 or 72 in part number.
Drawing above shows standard lanyard length.
Part
Number*
Shell
Size
A Dia.
Max.
B
Max.
H
±.016
J
±.010
L
Max.
71-304808
8
.875
.984
.327
.353
1.937
71-304810
10
1.125
1.125
.444
.353
1.890
71-304812
12
1.281
1.406
.558
.353
1.906
71-304814
14
1.438
1.562
.683
.353
1.953
71-304816
16
1.562
1.688
.808
.353
2.000
71-304818
18
1.718
1.844
.909
.353
2.031
71-304820
20
1.875
2.000
1.034
.415
2.234
71-304822
22
2.031
2.188
1.159
.415
2.328
71-304824
24
2.156
2.312
1.284
.415
2.359
Order by Amphenol Propriety number as follows (example part number shown):
71 -
3048
18
-
32
P
12
3
4
1. Finish
“71”designates corrosion resistant olive drab cadmium plate
“72” designates anodic coated (electrically nonconductive-anodic) finish providing extreme wear and
corrosion resistance, 500 hour extended salt spray.
2. Connector Type Identification
3048 designates PT plug, solder, potted termination style
3. Shell Size and Insert Arrangement Number
See insert arrangement availability for Miniature Breakaway connectors on page 6. The numbers in the insert
arrangement are hyphenated. The number preceding the hyphen is the shell size. The number following the hyphen is
the insert arrangement number.
4. Contact Type/Alternate Insert Rotation
P designates pin, S designates socket for normal
positioning of inserts. When an alternate position
of the insert is required to prevent cross-mating
a different letter (other than P or S) is used. See
page 7 for description of alternate positions; then
convert to Amphenol proprietary coding by the
chart at right to complete the part number.
The PT miniature breakaway connector has the follow-
ing design features:
• solder contacts, potted termination
• instant decoupling of plug and receptacle with an
axial pull on the lanyard when they are fully mated
• intermateable with standard receptacles
• operating voltage to 900 VAC (RMS) at sea level
• same quick positive bayonet coupling and 5 key/
keyway polarization as other PT styles
Pin Contacts
Socket Contacts
Amphenol
Letter
Equates to
MS letter
Amphenol
Letter
Equates to
MS letter
GPW
H
SW
IPX
J
SX
KPY
L
SY
MPZ
N
SZ
.328
PIN INSERT
LANYARD PULLED TAUT
AGAINST A .200 ±.031 DIA MANDREL
.016
4.500
J
H
SOCKET INSERT
+.010
–.025
±.250
+.010
–.025
L
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com