Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 43 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 43 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 39Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 40Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 41Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 42Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 43Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 44Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 45Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 46Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 47Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
41
“CE”
open wire seal
“CE” (SR)
strain relief
“CP”
potting boot
PT-CE, SP-CE
† Silver plated wire per MIL-C-26482
PT-CE, and SP-CE Service Classes
PT-CE and SP-CE Connectors are available in the
three service classes listed below.
“CE”
Open wire sealing – environmental resistant,
with a nut and grommet for moisture proof-
ing individual wires.
“CE” (SR)Strain relief clamp – environmental resistant
strain relief clamp and grommet for moisture
proofing individual wires; provides added
wire bundle support.
“CP”
Translucent nylon boot for retaining cus-
tomer applied potting compounds; held in
place by a threaded ring.
Breakaway style - see page 48.
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt
Drop†
Crimp Well
Diameter
Minimum
Well Depth
20
7.5
55
.045
.359
16
13.0
49
.063
.234
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
+.002
–.001
+.004
–.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com