Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 41 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 41 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 37Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 38Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 39Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 40Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 41Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 42Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 43Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 44Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 45Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
39
PT-SE, SP-SE
To more easily illustrate ordering procedure, part number PT00SE-20-
41PW(SR) is shown as follows:
PT
00
SE - 20 - 41
P
W
(SR)
1
2345678
See code below:
1. Connector Type
“PT”
designates standard olive drab, electrically conductive cadmium
plated, bayonet lock connector with crimp contacts
“MF”
designates standard olive drab, electrically conductive cadmium
plated, bayonet lock connector with dual mounting holes, and
crimp contacts
“SP”
designates electrically non-conductive, hard anodic coated,
bayonet lock connector with larger flange and mounting holes
for back panel mounting, and crimp contacts
“PTG” designates plug with grounding fingers
2. Shell Style
“00”
designates wall mounting receptacle
“01”
designates cable connecting receptacle*
“02”
designates box mounting receptacle
“06”
designates straight plug
“07”
designates jam nut receptacle
“08”
designates 90 degree plug
3. Service Classes
“SE”
designates environmental crimp
“SP”
designates potted type crimp
Both of the above are Amphenol proprietary versions of the MIL-C-
26482, Series 1 crimp contact connector and offer 15 lbs. contact reten-
tion for size 20 contacts; 25 lbs. for size 16 contacts.
4. Shell Size
“20” designates shell size. Shell sizes 8 through 24 available.
5. Insert Arrangement
Refer to pages 4-11 for insert availability.
“20 - 41” designates insert arrangement. (The number following the
hyphen is the number only that is used in the part number).
6. Contacts
“P” designates pin contacts
“S” designates socket contacts
7. Insert Rotation
Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “normal”
position. No letter required for normal (no rotation) position.
8. “SR” designates a strain relief clamp.
Indicate optional finishes as follows:
(003)
olive drab cadmium plate (standard on “PT”)
(005)
anodic coating - Alumilite® (standard on “SP”)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
(024)
olive drab zinc cobalt plating
(424)
electroless nickel finish with strain relief
(466)
olive drab zinc cobalt plating with strain relief
OR
RoHS Compliant finish suffix as follow:
(025)
non-conductive black zinc cobalt plating
(027)
conductive black zinc cobalt plating
(470)
non-conductive black zinc cobalt plating with
strain relief
(476)
conductive black zinc cobalt with strain relief
MS/PT-SE
MIL-C-26482, Series 1
To more easily illustrate ordering procedure, part number
MS3120E20-41PW is shown as follows:
MS
312
0
E
20 – 41
P
W
1
2
345678
See code below:
1. “MS” designates Military Standard
2. Specification Number
“312” designates basic family for MIL-C-26482, Series 1
crimp type
3. Shell Style
“0”
designates wall mounting receptacle
“1”
designates cable connecting receptacle*
“2”
designates box mounting receptacle
“4”
designates jam nut receptacle
“6”
designates straight plug
“7”
designates box mounting receptacle with dual
mounting holes
“8”
designates wall mounting receptacle with dual
mounting holes
4. Service Class
“E”
designates environmental resisting connector
“F”
designates environmental resisting connector with
strain relief
“P”
designates potted type with potting boot
5. Shell Size
“20” designates shell size. Shell sizes 8 through 24 available
6. Insert Arrangement
Refer to pages 4-11 for insert availability.
“20 - 41” designates insert arrangement. (The number follow-
ing the hyphen is the number only that is used in the part
number).
7. Contacts
“P” designates pin contacts
“S” designates socket contacts
8. Insert Rotation
Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from the “normal” position. No letter required for normal (no
rotation) position.
* This connector style is sometimes referred to as a cable connecting
“plug”. It does, however, mate with either a straight or 90 degree plug.
For ordering Miniature Breakaway PT-SE Crimp connectors
see pg. 38.
PT-SE, SP-SE, MS/PT-SE
how to order
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com