Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 5 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 5 Page - Amphenol Corporation

  PC06E8-2S. Datasheet HTML 1Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 2Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 3Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 4Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 5Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 6Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 7Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 8Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
3
The accompanying chart is provided to assist the user in selecting
the appropriate type of miniature connector to meet the application
requirements. Further information can be found in specific sections
of this catalog.
RI/FR = Rear Insertion/Front Releasable
†
o intermates with o
X intermates with X
†† Optional finishes available. See “how to order” sections.
*
Available in hermetic version
**
Dual mounting holes
*** This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with either a straight or 90 degree plug.
Amphenol®/Matrix® MIL-C-26482, Series 2 bayonet coupling connectors with rear insertable and rear releaseable
contacts are covered in another catalog - See pageXX for a brief description and see complete details in catalog 12-071
which is online at www.amphenol-aerospace.com.
CHARACTERISTICS
Solder
Crimp
PT
MS/PT
SP
PC
MS/
PT-SE
PT-SE SP-SE PC-SE PT-CE SP-CE PC-CE
Intermateable†
o
o
o
X
o
o
o
X
o
o
X
Contacts
Solder
••••
Crimp RI/FR
•
••••••
Contact Retention
System
Non-Removable
••••
Removable
•
••••••
Coupling
Bayonet
•••
•
•
•
•
•
Threaded
••
•
Standard Finishes††
Olive Drab Cadmium (003)
••
•
•
•
Anodic Coated (005)
••
•
Bright Cadmium (001)
••
•
Temperature Range
Resilient Dielectric (–55°C to +125°C)
•
•
•
•
•
••••••
Wide Mounting Flange
••
•
Hermetic Seal
••••
SHELL STYLE AVAILABILITY
Wall Mounting Receptacle “00”
•
•
•
•
•
**•
••••
Cable Connecting Receptacle “01” ***
••
••
•
•
•
•
Box Mounting Receptacle “02”
*•
•
•
*•
•
**•
••••
Straight Plug “06”
•
•
•
•
•
••••••
Jam Nut Receptacle “07”
*•
*•
•
*•
•
••••••
Thru-bulkhead Receptacle “TB”
••
Solder Mount Receptacle “I”
*•
*•
*•
90° Plug “08”
•
•
•
•••••
Amphenol Miniature Cylindrical
connector selection guide
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com