Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 50 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 50 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 46Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 47Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 48Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 49Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 50Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 51Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 52Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
48
Breakaway PT-CE with Crimp Contacts,
Potted Termination
71-2512XX-(
)
72-2512XX-(
)
PT-CE Breakaway
twist pull plug
All dimensions for reference only.
* See Finish information below to determine prefix 71 or 72 in part number.
Drawing above shows standard lanyard length.
Part
Number*
Part
Number*
Shell
Size
A
Dia.
Max.
B
Max.
F
Dia.
±.016
H
Dia.
±.016
J
±.010
L
Max.
L1
Max.
71-251209
71-339508
8
.875
.984
.125
.327
.353
1.937
2.937
71-251210
71-339510
10
1.125
1.125
.188
.444
.353
1.890
2.937
71-251211
71-339512
12
1.281
1.406
.312
.558
.353
1.906
3.000
71-251212
71-339514
14
1.438
1.562
.375
.683
.353
1.953
3.000
71-251213
71-339516
16
1.562
1.688
.500
.808
.353
2.000
3.187
71-251214
71-339518
18
1.718
1.844
.625
.909
.353
2.031
3.375
71-251215
71-339520
20
1.875
2.000
.625
1.034
.415
2.234
3.375
71-251216
71-339522
22
2.031
2.188
.750
1.159
.415
2.328
3.375
71-251217
71-339524
24
2.156
2.312
.800
1.284
.415
2.359
3.625
The PT-CE miniature breakaway connector has the
following design features:
• crimp front release, front removable contacts in
“CE” nylon wafer retention system
• 2 styles available: potted termination and environ-
ment style with a strain relief
• instant decoupling of plug and receptacle with an
axial pull on the lanyard when they are fully
mated
• intermateable with standard receptacles
• operating voltage to 900 VAC (RMS) at sea level
• quick positive bayonet coupling and 5 key/key-
way polarization
Order by Amphenol Propriety number as follows (example part number shown):
71 -
2512
50
-
32
P
12
34
5
1. Finish
“71” designates corrosion resistant olive drab cadmium plate
“72” designates anodic coated (electrically nonconductive-anodic) finish providing extreme wear and corrosion resistance, 500 hr.
extended salt spray.
2. Connector Type Identification
2512XX designates PT-CE plug, crimp, potted termination style
3395XX designates PT-CE plug, crimp, environmental with strain relief style
3. Shell Size
See part number columns in chart above for 2 digit number at end that correlates to the shell size. Example: ‘50’ correlates to shell size 18.
Pin Contacts
Socket Contacts
Amphenol
Letter
Equates to
MS letter
Amphenol
Letter
Equates to
MS letter
GPW
H
SW
IPX
J
SX
KPY
L
SY
MPZ
N
SZ
4. Insert Arrangement Number
See insert availability for Miniature Breakaway connectors on page 6. The number
following the hyphen is the insert arrangement number.
5. Contact Type/Alternate Insert Rotation
P designates pin, S designates socket for normal positioning of inserts. When an
alternate position of the insert is required to prevent cross-mating a different letter
(other than P or S) is used. See page 7 for description of alternate positions; then
convert to Amphenol proprietary coding by the chart at right to complete the part
number.
Breakaway PT-CE with Crimp Contacts,
Environmental with Strain Relief
71-3395XX-(
)
72-3395XX-(
)
.328
PIN
INSERT
± .250
+.010
–.025
.016
6.000
J
SOCKET INSERT
+.010
–.025
L 1
F
.328
PIN INSERT
LANYARD PULLED TAUT
AGAINST A .200 ± .031 DIA. MANDREL
± .250
+.010
–.025
.016
6.000
J
H
SOCKET INSERT
+.010
–.025
L
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com