Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 51 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 51 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 47Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 48Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 49Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 50Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 51Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 52Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
49
PT-CE, SP-CE
To more easily illustrate ordering procedure, part number
PT00CE-20-41PW (SR) is shown as follows:
PT
00
CE – 20 – 41
P
W
(SR)
12
345
67
8
See code below:
1. Connector Type
“PT” designates standard electrically conductive olive drab cadmium plated
bayonet lock connector with crimp contacts
“SP” designates electrically non-conductive, hard anodic coated bayonet
lock connector with large flange and mounting holes for back panel mount-
ing, and crimp contacts.
2. Shell Style
“00”
designates wall mounting receptacle
“01”
designates cable connecting receptacle*
“02”
designates box mounting receptacle
“06”
designates straight plug
“07”
designates jam nut receptacle
“08”
designates 90° plug
3. Service Class
“CE”
designates environmental crimp
“CP”
designates potted type crimp
Both of the above are Amphenol ® proprietary versions of the MIL-C-
26482, Series 1 crimp contact connector and offer 7 lbs. contact retention
for size 20 contacts; 9 lbs for size 16 contacts.
4. Shell Size
“20” designates shell size. Shell sizes 6 through 24 available.
5. Insert Arrangement
Refer to pages 4-11 for insert availability.
“20 – 41” designates insert arrangement. (The number following the
hyphen is the number only that is used in the part number).
6. Contacts
“P” designates pin contacts.
“S” designates socket contacts.
7. Insert Rotation
Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from the “nor-
mal” position. No letter required for normal (no rotation) position.
8. “(SR)” designates strain relief clamp.
Indicate optional finishes as follows:
(003)
olive drab cadmium plate (standard on “PT”)
(005)
anodic coating - Alumilite® (standard on “SP”)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
(024)
olive drab zinc cobalt plating
(025)
non-conductive black zinc cobalt plating
(027)
conductive black zinc cobalt plating
(424)
electroless nickel finish with strain relief
(466)
olive drab zinc cobalt plating with strain relief
(470)
non-conductive black zinc cobalt plating with strain relief
(476)
conductive black zinc cobalt with strain relief
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
For ordering Miniature Breakaway PT-CE Crimp connectors see page 48.
PT-CE, SP-CE
how to order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com