Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 62 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 62 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 64Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 65Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 66Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
60
PC07H
hermetic jam nut receptacle
* PC07H-XX-XXX
** PC07Y-XX-XXX
All dimensions for reference only.
Shell
Size
Receptacle Front View
Receptacle Side View
F
+.010
H
Hex.
±.016
S
+.010
A
Thread
Class 2A
K
+.000
–.016
M
±.020
Panel
Thickness
R
Thread
Class 2A
Z
+.010
Min
Max.
6
.286
.625
.812
.3750 DS
.094
.671
.062
.125
.4375-28 UNEF
.129
8
.331
.750
.938
.5000 DS
.094
.671
.062
.125
.5625-24 NEF
.129
10
.375
.875
1.062
.6250 DS
.094
.671
.062
.125
.6875-24 NEF
.129
12
.442
1.062
1.250
.7500 DS
.094
.671
.062
.125
.8750-20 UNEF
.129
14
.486
1.188
1.375
.8750 DS
.094
.671
.062
.125
1.0000-20 UNEF
.129
16
.530
1.312
1.500
1.0000 DS
.094
.671
.062
.125
1.1250-18 NEF
.129
18
.573
1.438
1.625
1.1250 DS
.094
.671
.062
.125
1.2500-18 NEF
.129
20
.641
1.562
1.812
1.2500 DS
.125
.797
.062
.250
1.3750-18 NEF
.034
22
.685
1.688
1.938
1.3750 DS
.125
.797
.062
.250
1.5000-18 NEF
.034
To complete part number see how to order on page 61.
* Solder cup pin contacts without interfacial seal.
** Solder cup pin contacts with interfacial seal
S
H
S
F
F
M
Z
R
A
P
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com