Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 80 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 80 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 72Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 73Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 74Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 75Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 76Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 77Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 78Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 79Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 80Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 80 page
background image
78
MIL-C-26482, Series 2
MIL-C-26482, Series 2 connectors are provided with the Amphe-
nol®/Matrix® family of miniature cylindricals These are bayonet
coupling type, and they feature crimp contacts that are rear insert-
able and rear releasable.
There are six shell styles available and 34 insert arrangements.
Military part numbers of the Matrix MIL-C-26482 family include the
following:
MS3470 wall mounting receptacle with narrow flange
MS3472 wall mounting receptacle with wide flange
MS3471 cable connecting receptacle
MS3474 jam nut receptacle
MS3476 straight plug
MS3475 plug with RFI grounding fingers
See catalog 12-071 for more information.
Geophysical Miniature Cylindricals
Designed for the Geophysical industry’s rugged environments, the
Amphenol® Geophysical Series connector has custom features
that provide reliability in extreme temperature and moisture condi-
tions.
The unique shell design provides stronger shells along with an
anodized (nonconductive) finish for greater salt, corrosion and
abrasion resistance. Coupling nuts are manufactured with round
detent holes and are sold separately for greater customer flexibil-
ity. See product data sheet #146.
RJ Field Bayonet MIL-C-26482 Cylindricals
Amphenol PCD division provides MIL-C-26482 bayonet coupling
cylindrical connectors with an RJ45 Ethernet interface*. These are
designed for use in all levels of harsh environments from industrial
to mil-aero applications providing IP67 protection from dust, fluids,
vibration, shock and traction. The Amphenol® RJ Field allows the
use of Ethernet Class D/Cat 5 and Cat 5e connections for 10
BaseT, 100 Base TX, or 1000 BaseT networks. It works with any
standard RJ45 cordset with no extra tooling. It also offers rein-
forced EMI protection.
For more information go online to www.rjfield.com or ask for the
Field Series brochure.
* Other Field Series products are available through Amphenol PCD. These include
RJF TV within MIL-DTL-38999 Series III threaded coupling connectors, and RJF
544 within ECTA push-pull plastic shell coupling.
Other Amphenol Miniature Cylindrical
Connectors
Geophysical
Miniature Cylindricals
MIL-C-26482
Series 2
RJ Field Bayonet
MIL-C-26482 Cylindricals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com