Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 40 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 40 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 36Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 37Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 38Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 39Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 40Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 41Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 42Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 43Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 44Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
38
Breakaway PT-SE with Crimp Contacts,
Potted Termination
71-4196XX-(
)
72-4196XX-(
)
Breakaway PT-SE with Crimp Contacts,
Environmental with Strain Relief
71-2511XX-(
)
72-2511XX-(
)
Breakaway PT-SE with Crimp Contacts,
Environmental
71-3455XX-(
)
72-3455XX-(
)
PT-SE Breakaway
twist pull plug
Part
Number*
Part
Number*
Part
Number*
Shell
Size
A Dia.
Max.
B
Max.
C +.020
–.000
D +.020
–.000
F Dia.
±.016
H Dia.
±.016
J
±.010
L
Max.
L1
Max.
L2
Max.
71-419646
71-251181
71-345510
10
1.125
1.125
.030
.337
.188
.444
.353
1.875
2.140
2.156
71-419647
71-251182
71-345512
12
1.281
1.406
.030
.337
.312
.558
.353
1.875
2.156
2.406
71-419648
71-251183
71-345514
14
1.438
1.562
.030
.337
.375
.683
.353
1.906
2.203
2.406
71-419649
71-251184
71-345516
16
1.562
1.688
.030
.337
.500
.808
.353
1.969
2.250
2.531
71-419650
71-251185
71-345518
18
1.718
1.844
.030
.337
.625
.909
.353
2.000
2.281
2.531
71-419651
71-251186
71-345520
20
1.875
2.000
.092
.399
.625
1.034
.415
2.281
2.359
2.719
71-419652
71-251187
71-345522
22
2.031
2.188
.092
.399
.750
1.159
.415
2.344
2.453
2.844
71-419653
71-251188
71-345524
24
2.156
2.312
.092
.399
.800
1.284
.415
2.406
2.453
2.906
All dimensions for reference only.
* See Finish information below to determine prefix 71 or 72 in part number.
Drawing above shows standard lanyard length.
The PT-SE miniature breakaway connector has the following
design features:
• crimp front release, front removable contacts in “SE” spring
tower retention system
• 3 styles available: potted termination, environmental style
and environment style with a strain relief
• instant decoupling of plug and receptacle with an axial
pull on the lanyard when they are fully mated
• intermateable with standard receptacles
• operating voltage to 900 VAC (RMS) at sea level
• quick positive bayonet coupling and 5 key/keyway polarization
Order by Amphenol Propriety number as follows (example part number shown):
71 -
4196
50
-
32
P
12
34
5
1. Finish
“71” designates corrosion resistant olive drab cadmium plate
“72” designates anodic coated (electrically nonconductive-anodic) finish providing extreme wear and corrosion resistance, 500 hr.
extended salt spray.
2. Connector Type Identification
4196XX designates PT-SE plug, crimp, potted termination style
2511XX designates PT-SE plug, crimp, environmental with strain relief style
3455XX designates PT-SE plug, crimp, environmental
3. Shell Size
See part number columns in chart above for 2 digit number at end that correlates to the shell size. Example: ‘50’ correlates to shell size 18.
4. Insert Arrangement Number
See insert availability for Miniature Breakaway connectors on page 6. The number following the hyphen is the insert arrangement number.
Pin Contacts
Socket Contacts
Amphenol
Letter
Equates to
MS letter
Amphenol
Letter
Equates to
MS letter
GPW
H
SW
IPX
J
SX
KPY
L
SY
M
PZ
N
SZ
5. Contact Type/Alternate Insert Rotation
P designates pin, S designates socket for normal positioning of inserts. When an
alternate position of the insert is required to prevent cross-mating a different letter
(other than P or S) is used. See page 7 for description of alternate positions; then con-
vert to Amphenol proprietary coding by the chart at right to complete the part number.
C
PIN
INSERT
LANYARD PULLED TAUT
AGAINST A .200 ±.031 DIA MANDREL
D
4.500
J
SOCKET
INSERT
±.250
L
C
PIN
INSERT
D
4.500
J
SOCKET
INSERT
±.250
L1
H
C
PIN
INSERT
D
5.000
J
SOCKET
INSERT
±.250
L 2
F
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com