Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 29 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 29 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 25Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 26Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 27Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 28Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 29Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 30Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 31Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 32Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 33Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
27
PT, SP
To more easily illustrate ordering procedure, part number PT00A-20-41PW(SR) is
shown as follows:
PT
00
A
- 20 - 41
P
W
(SR)
1
2345678
See code below:
1. Connector Type
“PT”
designates standard olive drab, electrically conductive cadmium plate
bayonet lock connector with solder contacts
“SP”
designates electrically non-conductive, hard anodic coated bayonet lock
connector with solder contacts and larger flange and mounting holes for
back panel mounting
“PTG” designates plug with grounding fingers
2. Shell Style
“00”
designates wall mounting receptacle
“01”
designates cable connecting receptacle**
“02”
designates box mounting receptacle
“06”
designates straight plug
“07”
designates jam nut receptacle
“08”
designates 90 degree plug cable support
“B”
designates thru bulkhead receptacle (pressurized)
“
I”
designates solder mount receptacle (Hermetic only)
3. Service Classes
“A”
designates general duty back shell
“C”
designates pressurized receptacle
“E”
designates environmental resisting open wire seal with grommet and nut
“J”
designates clamp assembly for moisture proofing multi-jacketed cables,
with strain relief
“P”
designates assembly with potting boot
W”
designates clamp assembly for moisture proofing multi-jacketed cables
“H”
designates hermetic* without interfacial seal
“Y”
designates hermetic* with interfacial seal
4. Shell Size
“20” designates shell size. Shell sizes 6 through 24 available.
5. Insert Arrangement - Refer to pages 4-11 for insert availability.
“20 - 41” designates insert arrangement. (The number following the hyphen is
the number only that is used in the part number).
6. Contacts
“P” designates pin contacts
“S” designates socket contacts
For ordering connectors with printed circuit board contacts, see pg. 20.
7. Insert Rotation - Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “normal position.
No letter required for normal (no rotation) position.
8. “SR” designates a strain relief clamp.
Indicate optional finishes as follows:
(003)
olive drab cadmium plate (standard on “PT”)
(005)
anodic coating - Alumilite® (standard on “SP”)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
(024)
olive drab zinc cobalt plating
(424)
electroless nickel finish with strain relief
(466)
olive drab zinc cobalt plating with strain relief
(100)
Suffix added for flat eyelet pin contacts in hermetic versions
OR
RoHS Compliant finish suffix as follow:
(025)
non-conductive black zinc cobalt plating
(027)
conductive black zinc cobalt plating
(470)
non-conductive black zinc cobalt plating
with strain relief
(476)
conductive black zinc cobalt plating with strain relief
MS/PT
MIL-C-26482, Series 1
Part number MS3110E20-41PW is shown as follows:
MS
311
0
E
20 - 41
P
W
1
2345678
For Hermetic connectors part number
MS3113H20Y41PW is shown as follows:
MS
311
3
H
20 Y 41
P
W
1
234
5, 6
7
8
See code below:
1. “MS” designates Military Standard
2. Specification Number
“311” designates basic family number for MIL-C-
26482, Series 1 solder type
3. Shell Style
“0” designates wall mounting receptacle
“1” designates cable connecting receptacle**
“2” designates box mounting receptacle
“3” designates solder mount receptacle (hermetic
only)
“4” designates jam nut receptacle
“6” designates straight plug
4. Service Class
“E” designates environmental resisting connector
“F” designates environmental resisting connectors
with strain relief
“J” designates clamp assembly for moisture proofing
multi-jacketed cables, with strain relief
“P” designates potted type with potting boot
“H” designates hermetic
5. Shell Size
“20” designates shell size. Shell sizes 8 through 24
available.
6. Insert Arrangement - Refer to pages 4-11 for insert
availability.
“20 - 41” designates arrangement. (The number fol-
lowing the hyphen is the number only that is used in
the part number).
Hermetic version
“20Y41” designates insert arrangement; specify “Y”
for flat eyelet pin contacts, or “C” for solder cup pin
contacts
7. Contact Configuration
“P” designates pin contacts
“S” designates socket contacts
8. Insert Rotation- Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in it
shell from “normal” position. No letter require fo nor-
mal (no rotation) position.
* Hermetic connectors are supplied with tin plated shells.
** This connector style is sometimes referred to as a cable connect-
ing “plug”. It does, however, mate with either a straight or 90
degree plug.
For ordering Miniature Breakaway PT Solder connec-
tors see pg. 26.
PT, SP, MS/PT
how to order
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com