Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 57 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 57 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
55
PC06
straight plug
TERMINATION ASSEMBLIES
“A” General Duty
PC06A-XX-XXX
“A” (SR), “E” (SR), “P” (SR) Strain Relief
PC06A-XX-XXX (SR)
PC06E-XX-XXX (SR)
PC06P-XX-XXX (SR)
“E” Open Wire Seal
PC06E-XX-XXX
“P” Potting Boot
PC06P-XX-XXX
“W” Cable Seal
PC06W-XX-XXX
Shell
Size
Plug Front
View
Plug
Side View
S
Max.
A
Thread
Class 2B
L
Max.
Q
Thread
Class 2A
Z
Max.
Class “A”
D
Min.
L
Max.
N
Max.
V
Thread
Class 2A
6
.604
.3750 DS
.875
.3125-32 NEF
.627
.175
1.534
.462
.3750-32 NEF
8
.729
.5000 DS
.875
.4375-28 UNEF
.627
.297
1.534
.590
.5000-28 UNEF
10
.854
.6250 DS
.875
.5625-24 NEF
.627
.421
1.534
.717
.6250-24 NEF
12
.979
.7500 DS
.875
.6875-24 NEF
.627
.546
1.534
.834
.7500-20 UNEF
14
1.104
.8750 DS
.875
.8125-20 UNEF
.627
.663
1.534
.972
.8750-20 UNEF
16
1.229
1.0000 DS
.875
.9375-20 UNEF
.627
.787
1.534
1.088
1.0000-20 UNEF
18
1.354
1.1250 DS
.875
1.0625-18 UNEF
.627
.879
1.534
1.216
1.1875-18 NEF
20
1.478
1.2500 DS
1.031
1.1875-18 NEF
.783
1.014
1.613
1.332
1.1875-18 NEF
22
1.604
1.3750 DS
1.031
1.3125-18 NEF
.783
1.135
1.613
1.460
1.4375-18 NEF
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR)
Class “E”
Class “P”
Class “W”
C
Thread
D
Min.
G
Dia.
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
L
Max.
N
Max.
Closed
Free
6
–
–
–
–
–
–
1.250
.440
.192
1.406
.484
–
–
–
–
8
6-32
.240
.125
.812
1.906
.550
1.250
.560
.317
1.406
.608
.168
.230
1.680
.547
10
6-32
.302
.188
.875
1.906
.675
1.250
.685
.434
1.406
.734
.205
.312
1.680
.675
12
6-32
.428
.312
1.000
1.906
.803
1.250
.813
.548
1.406
.858
.338
.442
1.823
.812
14
6-32
.552
.375
1.125
1.906
.920
1.250
.930
.673
1.406
.984
.416
.539
2.015
.940
16
6-32
.615
.500
1.188
2.047
1.047
1.250
1.057
.798
1.406
1.110
.550
.616
2.231
1.067
18
8-32
.740
.625
1.438
2.078
1.165
1.250
1.175
.899
1.406
1.234
.600
.672
2.461
1.194
20
8-32
.740
.625
1.438
2.250
1.290
1.434
1.301
1.024
1.562
1.360
.635
.747
2.835
1.322
22
8-32
.928
.750
1.719
2.250
1.418
1.434
1.430
1.149
1.562
1.484
.670
.846
2.999
1.449
To complete part number see how to order on page 61.
All dimensions for reference only
S
A
.333 MAX
L
Z
Q
ND
.375 MIN
V
L
G
L
C
N
DH
L
N
N
L
D
ND
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com