Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 59 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 59 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
57
solder
mounting
receptacle
box
mounting
receptacle
jam nut
receptacle
PC
hermetic
Three shell styles are available in the hermetic PC threaded
series:
•PC
IH
•PC02H
•PC07H
These hermetic connectors are available with solder cup or flat
eyelet pin contacts. Socket contacts are available in some ver-
sions. Other design characteristics of the PC hermetic connec-
tor series are as follows:
Shell Size: 6 thru 22. (tin plated)
Contact count: 2 through 65. Refer to pages 4 and 5 for insert
availability for hermetics.
Current: 5.0 amp, each #20 contact;
10 amp, each #16 contact;
17 amp, each #12 contact.
Contacts: Fabricated from high nickel alloy and tin plated.
Dielectric Withstanding Voltage (sea level):
1500 volts (RMS) 60 cps Service Rating I;
2300 volts (RMS) 60 cps Service Rating II.
Compression glass inserts, permanently lettered.
Helium Leakage: Less than 1.0 X 10-6 cc/sec.
at 15 psi differential.
Physical Shock: 100 G’s.
Vibration: Exceeds MIL-E-5272 Procedure II.
Thermal Shock:
No deterioration or failure after
5 cycles at –55 °F to +257°F.
Refer to pages 4-11 for insert arrangement availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com