Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 56 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 56 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 52Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
54
PC02
box mounting receptacle
PC02A-XX-XXX
* PC02C-XX-XXX
* PC02E-XX-XXX
* PC02P-XX-XXX
All dimensions for reference only.
Shell
Size
Receptacle
Front View
Receptacle
Side View
R
±.005
S
±.010
A
Thread
Class 2A
K
+.020
–.010
L
Max.
M
+.010
–.000
N
Max.
Z
Max.
6
.469
.688
.3750 DS
.469
.801
.406
.323
.466
8
.594
.812
.5000 DS
.469
.801
.406
.449
.466
10
.719
.938
.6250 DS
.469
.801
.406
.573
.466
12
.812
1.031
.7500 DS
.469
.801
.406
.699
.466
14
.906
1.125
.8750 DS
.469
.801
.406
.823
.466
16
.969
1.219
1.0000 DS
.469
.801
.406
.949
.466
18
1.062
1.312
1.1250 DS
.469
.801
.406
1.073
.466
20
1.156
1.438
1.2500 DS
.562
.988
.469
1.199
.527
22
1.250
1.562
1.3750 DS
.562
.988
.469
1.323
.527
To complete part number see how to order on page 61.
* The PC02 Box Mounting Receptacle is made only to complete a series and no provision
is made for accessories or potting on the rear skirt.
S
RS
R
.120 ± .005 Dia.
4 Holes
A
M
L
Z
N
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com