Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 14 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 14 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 10Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 11Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 12Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 13Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 14Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 15Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 16Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 17Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 18Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
12
wall mounting
receptacle
Amphenol PT, SP, MS/PT
Proprietary/MIL-C-26482, Series 1
bayonet coupling and solder termination
cable connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle
thru bulkhead
receptacle
Amphenol® solder contact miniature cylindrical connectors
meet the most critical application needs. Design versatility
combined with high reliability performance makes these
series of Miniature Cylindrical Connectors ideal for environ-
mental sealing or pressurized applications.
The MS/PT Series is qualified to MIL-C-26482, Series 1 and has
all the outstanding design characteristics and quality of the PT
Series. The SP Series is a modification of the PT, providing special
shells with a wide mounting flange for back panel mounting.
A corrosion resistant electrically conductive finish of cadmium
plate with an olive drab chromate after-treatment is used on the PT
and MS/PT. The SP is given a durable non-conductive hard anodic
“Alumilite”® coating which provides abrasion protection and resis-
tance to corrosion.
Shell components for these series are aluminum. The dependable
5 key/keyway polarization with bayonet lock coupling assures pos-
itive mating with no chance of cross plugging. Spring tension pro-
vided by a wave washer in the coupling nut ensures maintenance
of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gasket
and superior electrical isolation of the contact in the insert.
Both pins and sockets are machined from a copper alloy and are
gold plated. This gold plating eliminates contact corrosion and
offers an indefinite shelf life. Socket contacts for these series are a
closed entry design. A breakaway style plug is available in the PT
solder series. Hermetics receptacles are available in PT and MS/
PT solder series. Receptacles with printed circuit board contacts
are also available.
PT Solder is UL recognized under file #E115497, Vol. 1, Sec. 5.
The PT, SP and MS/PT Series are intermateable and intermount-
able with all existing Miniature Cylindrical Series connectors
except for the threaded coupling PC Series.
Refer to pages 4-11 for insert arrangement availability.
PT, SP, MS/PT
CONTACT DATA/CONNECTOR RATINGS
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt Drop†
Solder Well
Diameter
Solder Well
Depth
20
7.5
55
.046
.125
16
13.0
50
.078
.188
12
23.0
42
.116
.188
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
† Silver plated wire per MIL-C-26482
* This connector style is sometimes referred to as a cable connecting
“plug.” It does, however, mate with a straight or 90 degree plug.
®
+.004
–.000
+.031
–.000
+.005
–.003
+.031
–.000
breakaway
twist pull
plug
+.004
–.002
+.031
–.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com