Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 42 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 42 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 38Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 39Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 40Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 41Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 42Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 43Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 44Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 45Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 46Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
40
Amphenol PT-CE, SP-CE
bayonet coupling, crimp termination
Amphenol® CE crimp type miniature connectors provide
performance and versatility needed for applications
demanding high reliability and crimp removable contacts.
These crimp contacts are rear insertable/front release and
are held in position by a nylon wafer retention system.
The SP-CE Series is a modification of the PT-CE, providing
special shells with a wide mounting flange for back panel
mounting.
A corrosion resistant electrically conductive finish of cadmium
plate with an olive drab chromate after-treatment is used on the
PT-CE. The SP-CE is given a durable nonconductive hard
anodic “Alumilite”® coating which provides abrasion protection
and resistance to corrosion.
Shell components for these versions are aluminum. The
dependable 5 key/keyway polarization with bayonet lock cou-
pling assures positive mating with no chance of cross plugging.
Spring tension provided by a wave washer in the coupling nut
ensures maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gas-
ket and superior electrical isolation of the contact in the insert.
Both pins and sockets are machined form a copper alloy and
are gold plated. This gold plating eliminates contact corrosion
and offers an indefinite shelf life. Socket contacts for these
series are a closed entry design.
Breakaway style plug is available in PT-CE crimp.
The PT-CE and SP-CE Series are intermateable and inter-
mountable with all existing Miniature Cylindrical Series connec-
tors except for the threaded coupling PC Series.
Refer to pages 4-11 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug.” It
does, however, mate with a straight or 90 degree plug.
®
wall mounting
receptacle
cable
connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle
breakaway
twist pull
plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com