Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 64 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 64 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 64Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 65Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 66Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 67Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 68Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
62
Amphenol PC-SE, PC-CE
threaded coupling and crimp termination
Amphenol® PC-SE Series threaded coupling miniature cylindri-
cal connectors incorporate crimp contacts in a spring tower
retention system.
Amphenol® PC-CE Series threaded coupling miniature cylindri-
cal connectors incorporate crimp contacts in a nylon wafer
retention system to maintain contact position.
The PC double stub threaded coupling system cannot be cross
threaded, and is mechanically assisted while engaging and dis-
engaging.
Shell components are aluminum. Bright cadmium plating to QQ-P-
416 with a clear chromate after-treatment provides a golden colored
conductive finish. Single key/keyway polarization represents maxi-
mum simplicity in a design proven in millions of AN connectors.
Both pins and sockets are machined from a copper alloy and are gold
plated. This gold plating eliminates contact corrosion and offers an
indefinite shelf life. Socket contacts for these series are a closed entry
design.
Both the insert and main joint gasket are molded from resilient neo-
prene. This provides excellent moisture sealing at the gasket and
superior electrical insulation of the contacts in the insert.
The PC-SE and PC-CE are only intermateable and intermountable
within the PC threaded coupling series.
Shell style drawing pages are not shown in this catalog for the PC-SE
and PC-CE styles. If connector drawings are needed please contact
Amphenol for assistance. Shell styles are currently available in these
series as follows:
• PC00-SE, wall mounting receptacle
• PC01-SE, cable connecting receptacle
• PC02-SE, box mounting receptacle
• PC06-SE, straight plug
• PC08-SE, 90 degree plug
• PC06-CE straight plug (will mate with PC-SE receptacles and PC
solder receptacles)
Please contact Amphenol for complete information, as there may be
limitations in shell sizes within the PC-SE and PC-CE series.
Refer to pages 4-11 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
®
PC-SE. PC-CE
† Silver plated wire per MIL-C-26482
PC-SE and PC-CE Service Classes
PC-SE and PC-CE connectors are available in the
three service classes listed below.
“SE”
Open wire sealing - environmental resistant,
with a nut and grommet for moisture proof-
ing individual wires
“SE” (SR)Strain relief clamp - environmental resistant
strain relief clamp and grommet for moisture
proofing individual wires; provides added
wire bundle support
“SP”
Translucent nylon boot for retaining cus-
tomer applied potting compounds; held in
place by a threaded ring
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt
Drop†
Crimp Well
Diameter
Minimum
Well Depth
20
7.5
55
.049 ±.001
.267
16
13.0
49
.067 ±.001
.236
12
23.0
42
.100 ±.002
.236
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
“SE”
open wire seal
“SE” (SR)
strain relief
“SP”
potting boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com