Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 53 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 53 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 49Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 50Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 51Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 52Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
51
PC
† Silver plated wire per MIL-C-26482
PC Service Classes
PC connectors are available in the service classes
listed below. Each class except the hermetic seal
receptacle has one or more means of terminating or
supporting a cable or wire bundle.
“A”
General duty; back shell is threaded for con-
duit attachment of MS3057 cable clamp.
“A” (SR) General duty; with strain relief clamp for
cable or wire bundle support.
“C”
Pressurized receptacle; less than 1 cu. in.
per hour leakage at 30 psi over a tempera-
ture range of –65°F to +257°F in accor-
dance with BSC-C1P specification.
“E”
Environment resistant; with nut and grom-
met for moisture proofing individual wires.
“E” (SR) Environment resistant strain relief clamp and
grommet for moisture proofing individual
wires; provides added wire bundle support.
“P”
Translucent nylon boot for retaining cus-
tomer applied potting compounds; held in
place by a threaded ring.
“P” (SR) Strain relief clamp suitable for retaining cus-
tomer applied potting compounds, with pro-
vision for wire support.
“W”
Compressing clamp and neoprene gland for
moisture proofing multi-conductor jacketed
cables. Telescoping sleeves (MS 3420A)
can be used to adapt to cables smaller than
minimum close down.
“H”*
Hermetically sealed with compression glass
inserts.
Refer to pages 57-60 for Hermetic Versions within the
PC solder series.
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt
Drop†
Solder Well
Diameter
Solder
Well Depth
20
7.5
55
.046
.125
16
13.0
50
.078
.188
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
+.005
–.003
+.004
–.000
+.031
–.000
+.031
–.000
“A”
general duty
“E” (SR)
strain relief
“E” MS / “E”
open wire seal
“P”, MS / “P”
potting boot
“W”
cable seal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com