Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 72 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 72 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 68Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 69Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 70Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 71Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 72Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 73Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 74Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 75Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 76Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
70
The following tables provide part number information for crimp contacts
used in Amphenol® Miniature Cylindrical Connectors. For additional infor-
mation, consult Amphenol, Sidney, NY.
†† Listed are insertable/removable contacts; however, it is intended that contacts be terminated with solder.
For additional thermocouple contact information, consult Amphenol, Sidney, NY.
See L-776 for thermocouple contact termination instructions. These are online at www.amphenol-aerospace.com
For PCB contacts for miniature connectors, see page 20.
CRIMP CONTACTS for MIL-C-26482, Series 1
(PT-SE, SP-SE) Connectors
Contact
Size
Accommodates
Wire Size
Pins
Sockets
MS Number
Amphenol®
Proprietary
Number
MS Number
Amphenol®
Proprietary
Number
20
20, 22 & 24 AWG M39029/31-240 10-314980-20P M39029/32-259 LP-597820-355
16
16, 18 & 20 AWG M39029/31-228 10-314980-16P M39029/32-247 10-257982-16F
12
12 & 14 AWG
M39029/31-235 10-807100-125 M39029/32-254 10-807103-125
20-16
16 AWG
10-330930-20F
10-807155-205
16-20
20 AWG
10-330932-16F
10-330933-16F
12-10
12 AWG
10-330938-12F
10-330939-12F
CRIMP CONTACTS for PT-CE (Proprietary) Connectors
Contact
Size
Accommodates
Wire Size
Pins
Sockets
Amphenol®
Proprietary
Number
Amphenol®
Proprietary Number
20
20, 22 & 24 AWG 10-189000-20F
10-597817-351
20-16
16 AWG
10-195962-20F
10-195963-20F
16
16, 18 & 20 AWG 10-189004-16F
10-189006-16F
THERMOCOUPLE CONTACTS for Miniature Connectors
Size
Material
Pins
Proprietary Part Number
Sockets
Proprietary Part Number
CE
SE
CE
SE
16
Crimp
Termination
Chromel
10-252900-21P
10-330940-21P
10-252900-21S
10-330940-21S
Alumel
10-252900-22P
10-330940-22P
10-252900-22S
10-330940-22S
Iron
Constantan
20
Crimp
Termination
Chromel
10-252900-1P
10-330940-1P
10-252900-1S
10-330940-1S
Alumel
10-252900-2P
10-330940-2P
10-252900-2S
10-330940-2S
Iron
10-252900-3P
10-330940-3P
10-252900-3S
10-330940-3S
Constantan
10-252900-4P
10-330940-4P
10-252900-4S
10-330940-4S
20
Solder
Termination††
Chromel
10-314910-1P
10-314910-1S
Alumel
10-314910-2P
10-314910-2S
Iron
10-314910-3P
10-314910-3S
Constantan
10-314910-4P
10-314910-4S
Contacts - Power and Thermocouple Crimp
for miniature cylindrical connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com