Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 16 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 12Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 13Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 14Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 15Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 16Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 17Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 18Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 19Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 20Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
14
ND
L
ND
XL
TERMINATION ASSEMBLIES
“A” General Duty/
“C” Pressurized“
PT00A-XX-XXX
SP00A-XX-XXX
PT00C-XX-XXX
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
PT00A-XX-XXX (SR)
SP00A-XX-XXX (SR)
PT00E-XX-XXX (SR)
SP00E-XX-XXX (SR)
PT00P-XX-XXX (SR)
SP00P-XX-XXX (SR)
MS3110F-XX-XXX
“E” Open Wire Seal
PT00E-XX-XXX
SP00E-XX-XXX
MS3110E-XX-XXX
“P” Potting Boot
PT00P-XX-XXX
SP00P-XX-XXX
MS3110P-XX-XXX
“W” Cable Seal
PT00W-XX-XXX
“J” Cable Seal
PT00J-XX-XXX
MS3110J-XX-XXX
To complete part number see how to order on page 27.
■ (MMC) located within .0025 of (TP)
All dimensions for reference only.
Shell
Size
Receptacle Front View
Receptacle Side View
Class “A”, “C”
R
(TP)
S
Max.
A
+.001
–.005
K +.020
–.010
L
Max.
M +.010
–.000
Q
Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V
Thread
Class A
PT
SP
PT
SP
PT
SP
PT
SP
PT
SP
6
.469
.641
.688
.953
.348
.493
.524
.906
.431
.462
.3125-32 NEF
.468
.438
.175 1.553
.462
.3750-32 NEF
8
.594
.734
.812 1.047
.473
.493
.524
.906
.431
.462
.4375-28 UNEF
.468
.438
.297 1.553
.590
.5000-28 UNEF
10
.719
.812
.938 1.125
.590
.493
.524
.906
.431
.462
.5625-24 NEF
.468
.438
.421 1.553
.717
.6250-24 NEF
12
.812
.938 1.031 1.250
.750
.493
.524
.906
.431
.462
.6875-24 NEF
.468
.438
.546 1.553
.834
.7500-20 UNEF
14
.906 1.031 1.125 1.344
.875
.493
.524
.906
.431
.462
.8125-20 UNEF
.468
.438
.663 1.553
.970
.8750-20 UNEF
16
.969 1.125 1.219 1.438 1.000
.493
.524
.906
.431
.462
.9375-20 UNEF
.468
.438
.787 1.553 1.088 1.0000-20 UNEF
18
1.062 1.203 1.312 1.516 1.125
.493
.524
.906
.431
.462 1.0625-18 NEF
.531
.438
.879 1.553 1.216 1.1875-18 NEF
20
1.156 1.297 1.438 1.672 1.250
.650
.650 1.125
.556
.556 1.1875-18 NEF
.531
.531 1.014 1.703 1.332 1.1875-18 NEF
22
1.250 1.375 1.562 1.750 1.375
.650
.650 1.125
.556
.556 1.3125-18 NEF
.531
.531 1.134 1.703 1.460 1.4375-18 NEF
24
1.375 1.500 1.688 1.875 1.500
.683
.683 1.188
.589
.589 1.4375-18 NEF
.498
.498 1.259 1.765 1.585 1.4375-18 NEF
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS / “F”
Class “E”, MS / “E”
Class “P”, MS / “P”
Class “W”, “J”
C
Thread
D
Min.
G
Max.
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
L
Max.
N
Max.
XL
Max.
Closed
Free
6
–
–
–
–
–
–
1.266
.440
.192
1.438
.484
–
–
–
–
–
8
6-32
.240
.125
.812
1.922
.550
1.266
.560
.317
1.438
.608
.168
.230
1.705
.547
2.271
10
6-32
.302
.188
.875
1.922
.675
1.266
.685
.434
1.438
.734
.205
.312
1.705
.675
2.271
12
6-32
.428
.312
1.000
1.922
.803
1.266
.813
.548
1.438
.858
.338
.442
1.848
.812
2.411
14
6-32
.552
.375
1.125
1.922
.920
1.266
.930
.673
1.438
.984
.416
.539
2.040
.940
2.599
16
6-32
.615
.500
1.188
2.047
1.047
1.266
1.057
.798
1.438
1.110
.550
.616
2.256
1.067
2.943
18
8-32
.740
.625
1.438
2.078
1.165
1.266
1.175
.899
1.438
1.234
.600
.672
2.486
1.194
3.172
20
8-32
.740
.625
1.438
2.344
1.290
1.516
1.301
1.024
1.656
1.360
.635
.747
2.922
1.322
3.610
22
8-32
.928
.750
1.625
2.344
1.418
1.516
1.430
1.149
1.656
1.484
.670
.846
3.086
1.449
3.766
24
8-32
.990
.800
1.719
2.406
1.543
1.578
1.555
1.274
1.717
1.610
.740
.894
3.310
1.576
3.985
PT00 (MS3110)
SP00
wall mounting receptacle
ND
V
L
.375 MIN
G
L
C
N
DH
L
N
N
L
D
S
S
R
(TP)
R
(TP)
PT
.120 ± .005 Dia.
(.147 ± .005 Dia., size 24)
SP
.150 ± .005 Dia.
L
Q
M
A
K
Z
4 Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com