Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 78 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 78 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 72Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 73Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 74Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 75Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 76Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 77Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 78Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 79Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 80Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
76
Coaxial Contacts
for miniature cylindrical connectors, cont.
crimp CE (MIL-C-26482 Series 1 type) - application data
CE CRIMP COAX CONTACTS
For use in Miniature Crimp Type Connectors: PT-CE, SP-CE and PC-CE Styles
Cable
Contact Part Number
Contact
Size
Dimensional Data
(See Drawings above)
Crimp Ferrule Tools
Retainer
Nut
Wrench
Installation Tools
G
Dia.
± 0.001
H
Dia.
±0.001
F
Across
Flats
±0.004
L
Length Ref.
Pin
Socket
Pin
Socket
MIL-T-22910/7-1
Tool
Use with Die Part
Number
MIL-C-22520/5-01
Tool
Use with Die Part
Number
MIL-C-22520/10-01
Tool
Use with Die Part
Number
Insertion Removal
RG-58C/U,
RG-141A/U,
RG-303/U
21-33024-1 21-33023-1
8
0.040
0.219
0.280
1.239 1.285
M22910/7-15 (B)
M22520/5-01 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2 11-8369-4
11-8660-4 11-7310
RG-178B/U,
RG-196A/U
21-33024-2 21-33023-2
8
0.040
0.219
0.280
1.039 1.085
M22910/7-11 (B)
M22520/5-03 (B)
M22520/5-33 (B)
M22520/10-05 (B)
11-8676-2 11-8369-1
11-8660-1 11-7310
NOTE: Contacts can be ordered by part numbers given in chart
* Consult Amphenol, Sidney NY for availability
CONTACT FINISH: for all contacts in this series feature 0.000050 minimum gold (Knoop hardness 130-200).
CRIMPING TOOLS: Italicized letters in parenthesis that follow positioner part numbers indicate applicable die
closure. Commercial equivalents with the same die closure dimension may be used.
NOTE: All contacts of the same size and the same inner and outer contact
diameters (G & H) will mate with each other.
SOCKET
H
L
G
MATING
PIN DIA
F
PIN
H
L
G
MATING
PIN DIA
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com