Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 31 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 31 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 27Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 28Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 29Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 30Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 31Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 32Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 33Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 34Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 35Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
29
PT-SE. SP-SE, MS/PT-SE
† Silver plated wire per MIL-C-26482
PT-SE and SP-SE Service Classes
PT-SE and SP-SE connectors are available in the
three service classes listed below.
“SE”
Open wire sealing - environmental resistant,
with a nut and grommet for moisture proof-
ing individual wires
“SE” (SR)Strain relief clamp - environmental resistant
strain relief clamp and grommet for moisture
proofing individual wires; provides added
wire bundle support
“SP”
Translucent nylon boot for retaining cus-
tomer applied potting compounds; held in
place by a threaded ring
Breakaway style - see page 38.
MS/PT-SE Service Classes
MS-SE series connectors are available in the following
certified service classes:
“E”
Open wire sealing - environmental resisting
connectors are supplied with a multi-hole
grommet and clamping nut for moisture
proofing individual open wires
“F”
Environmental resistant strain relief clamp
and grommet for moisture proofing individual
wires; provides added wire bundle support
“P”
Potting applications - these connectors are
supplied with a translucent nylon boot for
retention of customer applied potting com-
pound
Contact Specifications
Contact
Size
Test
Current
Maximum
Millivolt
Drop†
Crimp Well
Diameter
Minimum
Well Depth
20
7.5
55
.049 ±.001
.267
16
13.0
49
.067 ±.001
.236
12
23.0
42
.100 ±.002
.236
Service Rating
Service
Rating
Recommended
Operating
AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000
ft.
70,000
ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
“SE”,
MS / “E”
open wire seal
“SE” (SR),
MS / “F”
strain relief
clamp
“SP”,
MS / “P”
potting boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com