Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 63 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 63 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 64Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 65Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 66Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 67Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
61
PC
To more easily illustrate ordering procedure, part number
PC00A-20-41PW (SR) is shown as follows:
PC
00
A – 20 – 41
P
W
(SR)
12
345
67
8
See code below:
1. Connector Type
“PC” designates bright cadmium plated with clear chromate after treat-
ment, threaded coupling connector with solder contacts
2. Shell Style
“00”
designates wall mounting receptacle
“01”
designates cable connecting receptacle†
“02”
designates box mounting receptacle
“06”
designates straight plug
“07”
designates jam nut receptacle
“
I”
designates solder-mount receptacle (hermetic only)
3. Service Class
“A”
designates general duty back shell
“C”
designates pressurized receptacle
“E”
designates environmental resisting open wire seal with
grommet and nut
“P”
designates potted with potting boot
“W”
designates clamp assembly for moisture proofing, multi-
jacketed cables
“H”
designates hermetic* seal (without interfacial seal)
“Y”
designates hermetic* seal (with interfacial seal)
4. Shell Size
“20”
designates shell size. Shell sizes 6 through 24 available.
5. Insert Arrangement
Refer to pages 4-11 for insert availability.
“20 – 41” designates insert arrangement. (The number following the
hyphen is the number only that is used in the part number).
6. Contacts
“P”
designates pin contacts.
“S”
designates socket contacts.
7. Insert Rotation
Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from the “nor-
mal” position. No letter required for normal (no rotation) position.
8. “(SR)” designates strain relief clamp.
Indicate optional finishes as follows:
(001)
bright cadmium (standard on “PC”)
(003)
olive drab cadmium plate
(005)
anodic coating - Alumilite®
(011)
chromate treated (Iridite 14-2)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
* Hermetic connectors are supplied with tin plated shells.
† This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
PC
how to order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com