Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 60 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 60 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 64Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
58
PC
IH
hermetic solder mounting receptacle
*PC
IH-XX-XXX
** PC
IY-XX-XXX
All dimensions for reference only.
Shell
Size
Receptacle
Front View
Receptacle
Side View
S
Dia.
Max.
A
Thread
Class 2A
L
+.025
–.016
N
Dia.
+.000
–.005
W
+.011
–.010
Z
Max.
6
.511
.3750 DS
.422
.438
.094
.387
8
.636
.5000 DS
.422
.562
.094
.387
10
.761
.6250 DS
.422
.672
.094
.387
12
.855
.7500 DS
.422
.781
.094
.387
14
.980
.8750 DS
.422
.906
.094
.387
16
1.105
1.0000 DS
.422
1.031
.094
.387
18
1.229
1.1250 DS
.422
1.156
.094
.387
20
1.323
1.2500 DS
.422
1.250
.094
.387
22
1.439
1.3750 DS
.422
1.375
.125
.418
To complete part number see how to order on page 61.
* Solder cup pin contacts without interfacial seal.
** Solder cup pin contacts with interfacial seal
S
A
L
W
Z
.031 +.006
–.005
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com