Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 69 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 69 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 65Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 66Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 67Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 68Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 69Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 70Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 71Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 72Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 73Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
67
PC
accessories – protection caps
How to Order Proprietary Receptacle Caps for PC connectors only:
Wall Receptacle Caps:
10-101950- XX X
Cable Connecting Receptacle Caps:
10-101951- XX X
Jam Nut Receptacle Caps:
10-101956- XX X
Add desired shell size
Add desired finish suffix†
“1”
designates bright cadmium with clear chromate (standard for PC)
“3”
designates olive drab cadmium
“5”
designates Alumilite®
Caps for PC connectors are supplied only in proprietary versions with standard
bead chains only (as shown in drawing at left).
RECEPTACLE PROTECTION CAPS – FOR PC
Shell
Size
A Thread
Class 2B
B Dia.
+.010
–.000
C Dia.
+.010
–.000
G
Max.
L
Max.
X
±.250
6
.3750 DS
.328
.454
.520
.448
3.000
8
.5000 DS
.454
.578
.648
.448
3.000
10
.6250 DS
.578
.703
.776
.448
3.000
12
.7500 DS
.703
.891
.902
.448
3.500
14
.8750 DS
.844
1.016
1.030
.448
3.500
16
1.0000 DS
.969
1.141
1.157
.448
3.500
18
1.1250 DS
1.094
1.266
1.284
.448
3.500
20
1.2500 DS
1.219
1.391
1.412
.448
4.000
22
1.3750 DS
1.343
1.516
1.507
.448
4.000
How to Order Proprietary Plug Caps for PC only: 10-101955-XX X
Add desired shell size
Add desired finish suffix†
“1”
designates bright cadmium with clear chromate (standard for (PC)
“3”
designates olive drab cadmium
“5”
designates Alumilite®
Caps for PC connectors are supplied only in proprietary versions with standard
bead chains only (as shown in drawing at left).
† Standard accessory finishes are “1” bright cadmium with clear chromate for PC
types, “3” olive drab cadmium for PT and MS/PT types, “5” Alumilite® for SP
types. Electroless nickel plating is also available on some items; consult Amphe-
nol, Sidney, NY
All dimensions for reference only.
PLUG PROTECTION CAPS – FOR PC
Shell
Size
A Thread
Class 2A
B
+.010
–.000
G
Max.
L
Max.
X
±.250
6
.3750 DS
.328
.399
.557
3.000
8
.5000 DS
.454
.526
.557
3.000
10
.6250 DS
.578
.643
.557
3.000
12
.7500 DS
.703
.770
.557
3.500
14
.8750 DS
.844
.897
.557
3.500
16
1.0000 DS
.969
1.025
.557
3.500
18
1.250 DS
1.094
1.152
.557
3.500
20
1.2500 DS
1.219
1.279
.557
4.000
22
1.3750 DS
1.343
1.416
.557
4.000
RECEPTACLE PROTECTION CAP
FOR PC CONNECTORS
10-101950-XXX
10-101951-XXX
10-101956-XXX
(Wall Receptacle)
(Cable Connecting
(Jam Nut Receptacle)
Receptacle)
PLUG PROTECTION CAP
FOR PC CONNECTORS
10-101955-XXX
G
A
L
X
.125
DIA
+.010
–.005
B
X
X
C
B
G
A
L
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com