Electronic Components Datasheet Search
  English  ▼

X  

PC06E8-2S. Datasheet(PDF) 58 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 58 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
56
All dimensions for reference only
Shell
Size
Receptacle Front View
Receptacle Side View
Class “A”, “C”
F
±.010
H
Hex
±.016
S
±.010
A
Thread
Class 2A
K
+.016
–.010
M
±.010
P
Panel Thickness
R
Thread
Class 2A
Z
Max.
Min.
Max.
6
.286
.625
.812
.3750 DS
.125
.671
.062
.125
.4375-28 UNEF
.232
8
.331
.750
.938
.5000 DS
.125
.671
.062
.125
.5625-24 NEF
.232
10
.375
.875
1.062
.6250 DS
.125
.671
.062
.125
.6875-24 NEF
.232
12
.442
1.062
1.250
.7500 DS
.125
.671
.062
.125
.8750-20 UNEF
.232
14
.486
1.188
1.375
.8750 DS
.125
.671
.062
.125
1.0000-20 UNEF
.232
16
.530
1.312
1.500
1.0000 DS
.125
.671
.062
.125
1.1250-18 NEF
.232
18
.573
1.438
1.625
1.1250 DS
.125
.671
.062
.125
1.2500-18 NEF
.232
20
.641
1.562
1.812
1.2500 DS
.156
.797
.062
.250
1.3750-18 NEF
.262
22
.685
1.688
1.938
1.3750 DS
.156
.797
.062
.250
1.5000-18 NEF
.262
Shell
Size
Class “E”
Class “A” (SR), “E” (SR)
Class “P”
L
Max.
N
Max.
C
Thread
G
Dia.
H
Max.
L
Max.
P
Min.
D
Min.
L
Max.
N
Max.
6
.692
.605
–
–
–
–
–
.192
.665
.484
8
.692
.730
6-32
.125
.812
1.096
.240
.317
.665
.608
10
.692
.855
6-32
.188
.875
1.096
.302
.434
.665
.734
12
.692
.980
6-32
.312
1.000
1.096
.428
.548
.665
.858
14
.692
1.105
6-32
.375
1.125
1.096
.552
.673
.665
.984
16
.692
1.230
6-32
.500
1.188
1.228
.651
.798
.665
1.110
18
.692
1.355
8-32
.625
1.438
1.228
.740
.899
.665
1.234
20
.754
1.511
8-32
.625
1.438
1.291
.740
1.024
.790
1.360
22
.754
1.636
8-32
.750
1.625
1.291
.928
1.149
.790
1.484
PC07
jam nut receptacle
“A” General Duty/
“C” Pressurized Receptacle
PC07A-XX-XXX
PC07C-XX-XXX
TERMINATION ASSEMBLIES
“E” Open Wire Seal
PC07E-XX-XXX
“A” (SR), “E” (SR) Strain Relief
PC07A-XX-XXX (SR)
PC07E-XX-XXX (SR)
“P” Potting Boot
PC07P-XX-XXX
To complete part number see how to order on page 61.
M
Z
R
A
P
K
S
H
S
F
F
N
MZ
R
A
PL
MZ
R
A
PL
GD H
N
D
MZ
R
A
PL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com