Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 60Page - Analog Devices AD9516-5PCBZ Datasheet HTML 61Page - Analog Devices AD9516-5PCBZ Datasheet HTML 62Page - Analog Devices AD9516-5PCBZ Datasheet HTML 63Page - Analog Devices AD9516-5PCBZ Datasheet HTML 64Page - Analog Devices AD9516-5PCBZ Datasheet HTML 65Page - Analog Devices AD9516-5PCBZ Datasheet HTML 66Page - Analog Devices AD9516-5PCBZ Datasheet HTML 67Page - Analog Devices AD9516-5PCBZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
AD9516-5
Rev. A | Page 64 of 76
Table 52. LVDS/CMOS Outputs
Reg.
Addr.
(Hex)
Bits
Name
Description
0x140
[7:5]
OUT6 output polarity
In CMOS mode, Bits[7:5] select the output polarity of each CMOS output.
In LVDS mode, only Bit 5 determines LVDS polarity.
7
6
5
OUT6A (CMOS)
OUT6B (CMOS)
OUT6 (LVDS)
0
0
0
Noninverting
Inverting
Noninverting
0
1
0
Noninverting
Noninverting
Noninverting (default)
1
0
0
Inverting
Inverting
Noninverting
1
1
0
Inverting
Noninverting
Noninverting
0
0
1
Inverting
Noninverting
Inverting
0
1
1
Inverting
Inverting
Inverting
1
0
1
Noninverting
Noninverting
Inverting
1
1
1
Noninverting
Inverting
Inverting
4
OUT6 CMOS B
In CMOS mode, turns on/off the CMOS B output. This has no effect in LVDS mode.
0: turns off the CMOS B output (default).
1: turns on the CMOS B output.
3
OUT6 select LVDS/CMOS
Selects LVDS or CMOS logic levels.
0: LVDS (default).
1: CMOS.
[2:1]
OUT6 LVDS output current
Sets output current level in LVDS mode. This has no effect in CMOS mode.
2
1
Current (mA)
Recommended Termination (Ω)
0
0
1.75
100
0
1
3.5
100 (default)
1
0
5.25
50
1
1
7
50
0
OUT6 power-down
Power-down output (LVDS/CMOS).
0: powers on (default).
1: powers off.
0x141
[7:5]
OUT7 output polarity
In CMOS mode, Bits[7:5] select the output polarity of each CMOS output.
In LVDS mode, only Bit 5 determines LVDS polarity.
7
6
5
OUT7A (CMOS)
OUT7B (CMOS)
OUT7 (LVDS)
0
0
0
Noninverting
Inverting
Noninverting
0
1
0
Noninverting
Noninverting
Noninverting (default)
1
0
0
Inverting
Inverting
Noninverting
1
1
0
Inverting
Noninverting
Noninverting
0
0
1
Inverting
Noninverting
Inverting
0
1
1
Inverting
Inverting
Inverting
1
0
1
Noninverting
Noninverting
Inverting
1
1
1
Noninverting
Inverting
Inverting
4
OUT7 CMOS B
In CMOS mode, turns on/off the CMOS B output. This has no effect in LVDS mode.
0: turns off the CMOS B output (default).
1: turns on the CMOS B output.
3
OUT7 select LVDS/CMOS
Selects LVDS or CMOS logic levels.
0: LVDS (default).
1: CMOS.
[2:1]
OUT7 LVDS output current
Sets output current level in LVDS mode. This has no effect in CMOS mode.
2
1
Current (mA)
Recommended Termination (Ω)
0
0
1.75
100
0
1
3.5
100 (default)
1
0
5.25
50
1
1
7
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com