| Electronic Components Datasheet Search |
|
AD9516-5PCBZ Datasheet(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9516-5PCBZ Datasheet(HTML) 68 Page - Analog Devices |
|
68 / 76 page ![]() AD9516-5 Rev. A | Page 68 of 76 Table 54. LVDS/CMOS Channel Dividers Reg. Addr. (Hex) Bits Name Description 0x199 [7:4] Low Cycles Divider 3.1 Number of clock cycles (minus 1) of the Divider 3.1 input during which the Divider 3.1 output stays low. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x2). [3:0] High Cycles Divider 3.1 Number of clock cycles (minus 1) of the Divider 3.1 input during which the Divider 3.1 output stays high. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x2). 0x19A [7:4] Phase Offset Divider 3.2 Refers to LVDS/CMOS channel divider function description (default: 0x0). [3:0] Phase Offset Divider 3.1 Refers to LVDS/CMOS channel divider function description (default: 0x0). 0x19B [7:4] Low Cycles Divider 3.2 Number of clock cycles (minus 1) of the Divider 3.2 input during which the Divider 3.2 output stays low. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x1). [3:0] High Cycles Divider 3.2 Number of clock cycles (minus 1) of the Divider 3.2 input during which the Divider 3.2 output stays high. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x1). 0x19C 5 Bypass Divider 3.2 Bypasses (and powers down) 3.2 divider logic, routes clock to 3.2 output. 0: does not bypass (default). 1: bypasses. 4 Bypass Divider 3.1 Bypasses (and powers down) 3.1 divider logic, routes clock to 3.1 output. 0: does not bypass (default). 1: bypasses. 3 Divider 3 nosync No sync. 0: obeys chip-level SYNC signal (default). 1: ignores chip-level SYNC signal. 2 Divider 3 force high Forces Divider 3 output high. Requires that the Divider 3 nosync bit (Bit 3) also be set. 0: forces low (default). 1: forces high. 1 Start High Divider 3.2 Divider 3.2 starts high/low. 0: starts low (default). 1: starts high. 0 Start High Divider 3.1 Divider 3.1 starts high/low. 0: starts low (default). 1: starts high. 0x19D 0 Divider 3 DCCOFF Duty-cycle correction function. 0: enables duty-cycle correction (default). 1: disables duty-cycle correction. 0x19E [7:4] Low Cycles Divider 4.1 Number of clock cycles (minus 1) of the Divider 4.1 input during which the Divider 4.1 output stays low. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x2). [3:0] High Cycles Divider 4.1 Number of clock cycles (minus 1) of the Divider 4.1 input during which the Divider 4.1 output stays high. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x2). 0x19F [7:4] Phase Offset Divider 4.2 Refers to LVDSCMOS channel divider function description (default: 0x0). [3:0] Phase Offset Divider 4.1 Refers to LVDSCMOS channel divider function description (default: 0x0). 0x1A0 [7:4] Low Cycles Divider 4.2 Number of clock cycles (minus 1) of the Divider 4.2 input during which the Divider 4.2 output stays low. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x1). [3:0] High Cycles Divider 4.2 Number of clock cycles (minus 1) of the Divider 4.2 input during which the Divider 4.2 output stays high. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x1). 0x1A1 5 Bypass Divider 4.2 Bypasses (and powers down) 4.2 divider logic, routes clock to 4.2 output. 0: does not bypass (default). 1: bypasses. 4 Bypass Divider 4.1 Bypasses (and powers down) 4.1 divider logic, routes clock to 4.1 output. 0: does not bypass (default). 1: bypasses. 3 Divider 4 nosync No sync. 0: obeys chip-level SYNC signal (default). 1: ignores chip-level SYNC signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |