Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 17Page - Analog Devices AD9516-5PCBZ Datasheet HTML 18Page - Analog Devices AD9516-5PCBZ Datasheet HTML 19Page - Analog Devices AD9516-5PCBZ Datasheet HTML 20Page - Analog Devices AD9516-5PCBZ Datasheet HTML 21Page - Analog Devices AD9516-5PCBZ Datasheet HTML 22Page - Analog Devices AD9516-5PCBZ Datasheet HTML 23Page - Analog Devices AD9516-5PCBZ Datasheet HTML 24Page - Analog Devices AD9516-5PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
AD9516-5
Rev. A | Page 21 of 76
–120
–130
–125
–135
–140
–145
–150
–155
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 23. Phase Noise (Additive) LVPECL at 245.76 MHz, Divide-by-1
–110
–120
–130
–140
–150
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 24. Phase Noise (Additive) LVPECL at 200 MHz, Divide-by-5
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 25. Phase Noise (Additive) LVPECL at 1600 MHz, Divide-by-1
–110
–160
–150
–140
–130
–120
10
100M
1k
10k
100k
1M
10M
100
FREQUENCY (Hz)
Figure 26. Phase Noise (Additive) LVDS at 200 MHz, Divide-by-1
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 27. Phase Noise (Additive) LVDS at 800 MHz, Divide-by-2
–120
–130
–140
–150
–160
–170
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 28. Phase Noise (Additive) CMOS at 50 MHz, Divide-by-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com