Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 68Page - Analog Devices AD9516-5PCBZ Datasheet HTML 69Page - Analog Devices AD9516-5PCBZ Datasheet HTML 70Page - Analog Devices AD9516-5PCBZ Datasheet HTML 71Page - Analog Devices AD9516-5PCBZ Datasheet HTML 72Page - Analog Devices AD9516-5PCBZ Datasheet HTML 73Page - Analog Devices AD9516-5PCBZ Datasheet HTML 74Page - Analog Devices AD9516-5PCBZ Datasheet HTML 75Page - Analog Devices AD9516-5PCBZ Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
AD9516-5
Rev. A | Page 73 of 76
CMOS
CMOS
10Ω
60.4Ω
(1.0 INCH)
MICROSTRIP
CMOS CLOCK DISTRIBUTION
The AD9516 provides four clock outputs (OUT6 to OUT9)
that are selectable as either CMOS or LVDS level outputs. When
selected as CMOS, each output becomes a pair of CMOS outputs,
each of which can be individually turned on or off and set as
noninverting or inverting. These outputs are 3.3 V CMOS
compatible.
Figure 63. Series Termination of CMOS Output
Termination at the far end of the PCB trace is a second option.
The CMOS outputs of the AD9516 do not supply enough current
to provide a full voltage swing with a low impedance resistive, far-
end termination, as shown in Figure 64. The far-end termination
network should match the PCB trace impedance and provide the
desired switching point. The reduced signal swing may still meet
receiver input requirements in some applications. This can be
useful when driving long trace lengths on less critical nets.
Whenever single-ended CMOS clocking is used, some general
guidelines should be followed.
Point-to-point nets should be designed such that a driver has
only one receiver on the net, if possible. This allows for simple
termination schemes and minimizes ringing due to possible
mismatched impedances on the net. Series termination at the
source is generally required to provide transmission line matching
and/or to reduce current transients at the driver. The value of
the resistor is dependent on the board design and timing
requirements (typically 10 Ω to 100 Ω is used). CMOS outputs
are also limited in terms of the capacitive load or trace length
that they can drive. Typically, trace lengths less than 3 inches
are recommended to preserve signal rise/fall times and preserve
signal integrity.
CMOS
CMOS
10Ω
50Ω
100Ω
100Ω
VS
Figure 64. CMOS Output with Far-End Termination
Because of the limitations of single-ended CMOS clocking,
consider using differential outputs when driving high speed
signals over long traces. The AD9516 offers both LVPECL and
LVDS outputs that are better suited for driving long traces where
the inherent noise immunity of differential signaling provides
superior performance for clocking converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com