Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 16Page - Analog Devices AD9516-5PCBZ Datasheet HTML 17Page - Analog Devices AD9516-5PCBZ Datasheet HTML 18Page - Analog Devices AD9516-5PCBZ Datasheet HTML 19Page - Analog Devices AD9516-5PCBZ Datasheet HTML 20Page - Analog Devices AD9516-5PCBZ Datasheet HTML 21Page - Analog Devices AD9516-5PCBZ Datasheet HTML 22Page - Analog Devices AD9516-5PCBZ Datasheet HTML 23Page - Analog Devices AD9516-5PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
AD9516-5
Rev. A | Page 20 of 76
2
2.8
0.8
1.8
–0.2
08
61
10
4
2
TIME (ns)
Figure 19. CMOS Output at 250 MHz
1600
800
1000
1200
1400
03
2
1
FREQUENCY (GHz)
Figure 20. LVPECL Differential Swing vs. Frequency
(Using a Differential Probe Across the Output Pair)
700
500
600
08
700
600
500
400
300
200
100
FREQUENCY (MHz)
00
Figure 21. LVDS Differential Swing vs. Frequency
(Using a Differential Probe Across the Output Pair)
3
2
1
0
0
600
500
400
300
200
100
OUTPUT FREQUENCY (MHz)
CL = 2pF
CL = 10pF
CL = 20pF
Figure 22. CMOS Output Swing vs. Frequency and Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com