Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 67Page - Analog Devices AD9516-5PCBZ Datasheet HTML 68Page - Analog Devices AD9516-5PCBZ Datasheet HTML 69Page - Analog Devices AD9516-5PCBZ Datasheet HTML 70Page - Analog Devices AD9516-5PCBZ Datasheet HTML 71Page - Analog Devices AD9516-5PCBZ Datasheet HTML 72Page - Analog Devices AD9516-5PCBZ Datasheet HTML 73Page - Analog Devices AD9516-5PCBZ Datasheet HTML 74Page - Analog Devices AD9516-5PCBZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
AD9516-5
Rev. A | Page 71 of 76
APPLICATIONS INFORMATION
Considering an ideal ADC of infinite resolution, where the step
size and quantization error can be ignored, the available SNR
can be expressed approximately by
FREQUENCY PLANNING USING THE AD9516
The AD9516 is a highly flexible PLL. When choosing the PLL
settings and version of the AD9516, keep in mind the following
guidelines.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
=
J
A
t
f
SNR
π
2
1
log
20
(dB)
The AD9516 has the following four frequency dividers: the
reference (or R) divider, the feedback (or N) divider, the VCO
divider, and the channel divider. When trying to achieve a
particularly difficult frequency divide ratio requiring a large
amount of frequency division, some of the frequency division
can be done by either the VCO divider or the channel divider,
thus allowing a higher phase detector frequency and more
flexibility in choosing the loop bandwidth.
where:
fA is the highest analog frequency being digitized.
tJ is the rms jitter on the sampling clock.
Figure 58 shows the required sampling clock jitter as a function
of the analog frequency and effective number of bits (ENOB).
fA (MHz)
10
1k
100
30
40
50
60
70
80
90
100
110
6
8
10
12
14
16
18
t
J
= 100f
S
200f
S
400f
S
1ps
2ps
10ps
SNR = 20log
1
2πfAtJ
Within the AD9516 family, lower VCO frequencies generally
result in slightly lower jitter. The difference in integrated jitter
(from 12 kHz to 20 MHz offset) for the same output frequency is
usually less than 150 fs over the entire VCO frequency range
(1.45 GHz to 2.95 GHz) of the AD9516 family. If the desired
frequency plan can be achieved with a version of the AD9516
that has a lower VCO frequency, choosing the lower frequency
part results in the lowest phase noise and the lowest jitter. However,
choosing a higher VCO frequency may result in more flexibility
in frequency planning.
Choosing a nominal charge pump current in the middle of the
allowable range as a starting point allows the designer to increase or
decrease the charge pump current and, thus, allows the designer
to fine-tune the PLL loop bandwidth in either direction.
Figure 58. SNR and ENOB vs. Analog Input Frequency
See the AN-756 Application Note, Sampled Systems and the Effects
of Clock Phase Noise and Jitter; and the AN-501 Application Note,
Aperture Uncertainty and ADC System Performance, at
www.analog.com.
ADIsimCLK is a powerful PLL modeling tool that can be
downloaded from www.analog.com. It is a very accurate tool for
determining the optimal loop filter for a given application.
USING THE AD9516 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. (Distributing a single-ended clock on a noisy PCB
may result in coupled noise on the sample clock. Differential
distribution has inherent common-mode rejection that can
provide superior clock performance in a noisy environment.)
The AD9516 features both LVPECL and LVDS outputs that
provide differential clock outputs, which enable clock solutions that
maximize converter SNR performance. The input requirements of
the ADC (differential or single-ended, logic level, and termination)
should be considered when selecting the best clocking/converter
solution.
Any high speed ADC is extremely sensitive to the quality of its
sampling clock. An ADC can be thought of as a sampling mixer,
and any noise, distortion, or timing jitter on the clock is combined
with the desired signal at the analog-to-digital output. Clock
integrity requirements scale with the analog input frequency
and resolution, with higher analog input frequency applications
at ≥14-bit resolution being the most stringent. The theoretical
SNR of an ADC is limited by the ADC resolution and the jitter
on the sampling clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com