Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 18Page - Analog Devices AD9516-5PCBZ Datasheet HTML 19Page - Analog Devices AD9516-5PCBZ Datasheet HTML 20Page - Analog Devices AD9516-5PCBZ Datasheet HTML 21Page - Analog Devices AD9516-5PCBZ Datasheet HTML 22Page - Analog Devices AD9516-5PCBZ Datasheet HTML 23Page - Analog Devices AD9516-5PCBZ Datasheet HTML 24Page - Analog Devices AD9516-5PCBZ Datasheet HTML 25Page - Analog Devices AD9516-5PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
AD9516-5
Rev. A | Page 22 of 76
–100
–110
–120
–130
–140
–150
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 29. Phase Noise (Additive) CMOS at 250 MHz, Divide-by-4
–120
–160
–150
–140
–130
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 30. Phase Noise (Absolute), External VCXO (Toyocom TCO-2112)
at 245.76 MHz; PFD = 15.36 MHz; LBW = 250 Hz; LVPECL Output = 245.76 MHz
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
JITTER FREQUENCY (kHz)
OC-48 OBJECTIVE MASK
AD9516
NOTE: 375UI MAX AT 10Hz OFFSET IS THE
MAXIMUM JITTER THAT CAN BE
GENERATED BY THE TEST EQUIPMENT.
FAILURE POINT IS GREATER THAN 375UI.
fOBJ
Figure 31. GR-253 Jitter Tolerance Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com