Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 63Page - Analog Devices AD9516-5PCBZ Datasheet HTML 64Page - Analog Devices AD9516-5PCBZ Datasheet HTML 65Page - Analog Devices AD9516-5PCBZ Datasheet HTML 66Page - Analog Devices AD9516-5PCBZ Datasheet HTML 67Page - Analog Devices AD9516-5PCBZ Datasheet HTML 68Page - Analog Devices AD9516-5PCBZ Datasheet HTML 69Page - Analog Devices AD9516-5PCBZ Datasheet HTML 70Page - Analog Devices AD9516-5PCBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
AD9516-5
Rev. A | Page 67 of 76
Reg.
Addr.
(Hex)
Bits
Name
Description
5
Divider 1 force high
Forces divider output to high. This operation requires that the Divider 1 nosync bit (Bit 6) also
be set. This bit has no effect if the Divider 1 bypass bit (Bit 7) is set.
0: normal operation (default).
1: divider output forced to the setting of the Divider 1 start high bit.
4
Divider 1 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 1 phase offset
Phase offset (default: 0x0).
0x195
1
Divider 1 direct to output
Connects OUT2 and OUT3 to Divider 1 or directly to CLK input.
0: OUT2 and OUT3 are connected to Divider 1 (default).
1: If Register 0x1E1[0] = 0b, the CLK is routed directly to OUT2 and OUT3.
If Register 0x1E1[0] = 1b, this has no effect.
0
Divider 1 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.
0x196
[7:4]
Divider 2 low cycles
Number of clock cycles (minus 1) of the Divider 2 input during which the Divider 2 output stays
low. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x0).
[3:0]
Divider 2 high cycles
Number of clock cycles (minus 1) of the Divider 2 input during which the Divider 2 output stays
high. A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x0).
0x197
7
Divider 2 bypass
Bypasses and powers down the divider; route input to divider output.
0: uses divider (default).
1: bypasses divider.
6
Divider 2 nosync
No sync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 2 force high
Forces divider output to high. This operation requires that the Divider 2 nosync bit (Bit 6) also
be set. This bit has no effect if the Divider 2 bypass bit (Bit 7) is set.
0: normal operation (default).
1: divider output forced to the setting of the Divider 2 start high bit.
4
Divider 2 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 2 phase offset
Phase offset (default: 0x0).
0x198
1
Divider 2 direct to output
Connects OUT4 and OUT5 to Divider 2 or directly to CLK input.
0: OUT4 and OUT5 are connected to Divider 2 (default).
1: if 0x1E1[0] = 0b, the CLK is routed directly to OUT4 and OUT5.
If 0x1E1[0] = 1b, there is no effect.
0
Divider 2 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com